Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR216A Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90CR216A
Description  3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CR216A Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DS90CR216A Datasheet HTML 6Page - National Semiconductor (TI) DS90CR216A Datasheet HTML 7Page - National Semiconductor (TI) DS90CR216A Datasheet HTML 8Page - National Semiconductor (TI) DS90CR216A Datasheet HTML 9Page - National Semiconductor (TI) DS90CR216A Datasheet HTML 10Page - National Semiconductor (TI) DS90CR216A Datasheet HTML 11Page - National Semiconductor (TI) DS90CR216A Datasheet HTML 12Page - National Semiconductor (TI) DS90CR216A Datasheet HTML 13Page - National Semiconductor (TI) DS90CR216A Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
//htmlimg2.alldatasheet.com/htmldatasheet2/296970/NSC/DS90CR216A/624/10/DS90CR216A.png


Similar Part No. - DS90CR216A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR216A NSC-DS90CR216A Datasheet
312Kb / 13P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR216A TI1-DS90CR216A Datasheet
2Mb / 34P
[Old version datasheet]   3.3-V Rising Edge Data Strobe LVDS Receiver
logo
National Semiconductor ...
DS90CR216AMTD NSC-DS90CR216AMTD Datasheet
250Kb / 12P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link??6 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link??6 MHz
DS90CR216AMTD NSC-DS90CR216AMTD Datasheet
312Kb / 13P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR216AMTD TI1-DS90CR216AMTD Datasheet
2Mb / 34P
[Old version datasheet]   3.3-V Rising Edge Data Strobe LVDS Receiver
More results

Similar Description - DS90CR216A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR216A NSC-DS90CR216A_04 Datasheet
312Kb / 13P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
DS90CR215 NSC-DS90CR215 Datasheet
739Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR215 NSC-DS90CR215_09 Datasheet
450Kb / 18P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR215 TI1-DS90CR215_15 Datasheet
1Mb / 23P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR286AT-Q1 TI1-DS90CR286AT-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link 66 MHz
logo
National Semiconductor ...
DS90CR286A NSC-DS90CR286A Datasheet
250Kb / 12P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link??6 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link??6 MHz
DS90CR285 NSC-DS90CR285 Datasheet
378Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-66 MHz
DS90CR218 NSC-DS90CR218 Datasheet
239Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link Receiver - 75 MHz
logo
Texas Instruments
DS90CR216MTDX TI1-DS90CR216MTDX Datasheet
1Mb / 23P
[Old version datasheet]   DS90CR215/DS90CR216 3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR285MTDX TI1-DS90CR285MTDX Datasheet
1Mb / 25P
[Old version datasheet]   DS90CR285/DS90CR286 3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-66 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com