Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

319AS120XB12 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 319AS120XB12
Description  Composite EMI/RFI Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

319AS120XB12 Datasheet(HTML) 2 Page - Glenair, Inc.

  319AS120XB12 Datasheet HTML 1Page - Glenair, Inc. 319AS120XB12 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A-15
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
319-120
Composite EMI/RFI Backshell
with Shield Sock and
Self-Locking Rotatable Coupling
TABLE IV: BRAID TYPE
Symbol
Braid Type
A
100% AmberStrand®
B
75%/25% AmberStrand® Blend
Standard
Nickel/Copper 34awg
T
Tin/Copper 34awg
TABLE III: FINISH
Symbol
Finish
XB
Composite Material–No Plating, Color
Black, Brass Interface Shroud and
Adapter–Nickel Plated
XMT
2000 Hour Corrosion Resistant Ni-
PTFE, Nickel-Fluorocarbon Polymer.
1000 Hour GreyTM
XN
Composite Material–No Plating, Color
Black and Brown, Brass Interface
Shroud and Adapter–Selectively
Cadmium Plated
(See Detail B)
TABLE II: SHELL SIZE
Shell Size
K
Diameter
A, F
H
A Code
F Code
H Code
08
09
.265 (6.7)
.275 (7.0)
.264 (6.7)
10
11
.370 (9.4)
.412 (10.5)
.390 (9.9)
12
13
.506 (12.9)
.526 (13.4)
.504 (12.8)
14
15
.580 (14.7)
.651 (16.5)
.630 (16.0)
16
17
.705 (17.9)
.776 (19.7)
.756 (19.2)
18
19
.784 (19.9)
.872 (22.1)
.843 (21.4)
20
21
.909 (23.1)
1.007 (25.6)
.969 (24.6)
22
23
1.034 (26.3)
1.132 (28.8)
1.091 (27.7)
24
25
1.149 (29.2)
1.257 (31.9)
1.217 (30.9)
NOTES
See Table I in Intro for front-end dimensional details.
1.
See composite thermoplastic shield sock assembly procedure for detailed installation instructions.
2.
Code F is for series I connectors only.
3.
Use mod code -475 for series III connector (connector less shroud)
Coupling nuts supplied unplated.
4.


Similar Part No. - 319AS120XB12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319AS136XM08 GLENAIR-319AS136XM08 Datasheet
319Kb / 2P
   Composite EMI/RFI Shield Sock
319AS136XM10 GLENAIR-319AS136XM10 Datasheet
319Kb / 2P
   Composite EMI/RFI Shield Sock
319AS136XM12 GLENAIR-319AS136XM12 Datasheet
319Kb / 2P
   Composite EMI/RFI Shield Sock
319AS136XM14 GLENAIR-319AS136XM14 Datasheet
319Kb / 2P
   Composite EMI/RFI Shield Sock
319AS136XM16 GLENAIR-319AS136XM16 Datasheet
319Kb / 2P
   Composite EMI/RFI Shield Sock
More results

Similar Description - 319AS120XB12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
507T088XM09B04 GLENAIR-507T088XM09B04_11 Datasheet
230Kb / 2P
   Composite EMI/RFI Banding Backshell
507T088XM09B04 GLENAIR-507T088XM09B04_09 Datasheet
304Kb / 2P
   Composite RFI/EMI Banding Backshell
447AS326XM08 GLENAIR-447AS326XM08 Datasheet
292Kb / 2P
   Composite Standard Profile EMI/RFI Micro-Banding Backshell
447HS711XW19 GLENAIR-447HS711XW19 Datasheet
384Kb / 1P
   Composite EMI/RFI Banding Backshell with Strain Relief
447AS711XM08 GLENAIR-447AS711XM08 Datasheet
384Kb / 1P
   Composite EMI/RFI Banding Backshell with Strain Relief
557T186XM GLENAIR-557T186XM Datasheet
131Kb / 2P
   Composite D-Subminiature EMI/RFI Banding Split Backshell
249-006 GLENAIR-249-006 Datasheet
72Kb / 1P
   EMI/RFI Backshell
249-005 GLENAIR-249-005 Datasheet
72Kb / 1P
   EMI/RFI Backshell
311AS034 GLENAIR-311AS034 Datasheet
301Kb / 1P
   Composite Lamp Base Thread EMI/RFI Shield Termination Backshell
M85049-78-09N01 GLENAIR-M85049-78-09N01 Datasheet
80Kb / 1P
   EMI/RFI Environmental Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com