Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

319AS120XMT10 Datasheet(PDF) 2 Page - Glenair, Inc.

Part No. 319AS120XMT10
Description  Composite EMI/RFI Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

319AS120XMT10 Datasheet(HTML) 2 Page - Glenair, Inc.

  319AS120XMT10 Datasheet HTML 1Page - Glenair, Inc. 319AS120XMT10 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A-15
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
319-120
Composite EMI/RFI Backshell
with Shield Sock and
Self-Locking Rotatable Coupling
TABLE IV: BRAID TYPE
Symbol
Braid Type
A
100% AmberStrand®
B
75%/25% AmberStrand® Blend
Standard
Nickel/Copper 34awg
T
Tin/Copper 34awg
TABLE III: FINISH
Symbol
Finish
XB
Composite Material–No Plating, Color
Black, Brass Interface Shroud and
Adapter–Nickel Plated
XMT
2000 Hour Corrosion Resistant Ni-
PTFE, Nickel-Fluorocarbon Polymer.
1000 Hour GreyTM
XN
Composite Material–No Plating, Color
Black and Brown, Brass Interface
Shroud and Adapter–Selectively
Cadmium Plated
(See Detail B)
TABLE II: SHELL SIZE
Shell Size
K
Diameter
A, F
H
A Code
F Code
H Code
08
09
.265 (6.7)
.275 (7.0)
.264 (6.7)
10
11
.370 (9.4)
.412 (10.5)
.390 (9.9)
12
13
.506 (12.9)
.526 (13.4)
.504 (12.8)
14
15
.580 (14.7)
.651 (16.5)
.630 (16.0)
16
17
.705 (17.9)
.776 (19.7)
.756 (19.2)
18
19
.784 (19.9)
.872 (22.1)
.843 (21.4)
20
21
.909 (23.1)
1.007 (25.6)
.969 (24.6)
22
23
1.034 (26.3)
1.132 (28.8)
1.091 (27.7)
24
25
1.149 (29.2)
1.257 (31.9)
1.217 (30.9)
NOTES
See Table I in Intro for front-end dimensional details.
1.
See composite thermoplastic shield sock assembly procedure for detailed installation instructions.
2.
Code F is for series I connectors only.
3.
Use mod code -475 for series III connector (connector less shroud)
Coupling nuts supplied unplated.
4.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn