Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLS-210R-X-T Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # OLS-210R-X-T
Description  Series 210 - side view low cost
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-210R-X-T Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  OLS-210R-X-T Datasheet HTML 1Page - OSA Opto Light GmbH OLS-210R-X-T Datasheet HTML 2Page - OSA Opto Light GmbH OLS-210R-X-T Datasheet HTML 3Page - OSA Opto Light GmbH OLS-210R-X-T Datasheet HTML 4Page - OSA Opto Light GmbH OLS-210R-X-T Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2005
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Features
- for application mounting in side view
- size 1008: 3,0(L) x 1,8(W) x 1,0(H) mm
- circuit substrate: glass laminated epoxy
- devices are ROHS conform
- lead free solderable, soldering pads: gold plated
- taped in 8 mm blister tape, cathode to transporting
perforation
- all devices sorted into luminous intensity classes
IF, max[mA]
IF,P [mA]
tp ≤
100 µs τ=1: 10
VR [V]
IR, max [µA]
Thermal resistance
R thJA [K / W]
TOp [°C]
TSt °[C]
20
100
8
100
500
-40...85
-55...85
-40
-20
0
20
40
60
80
0
5
10
15
20
T
op[°C]
Maximal
forward
current (DC)
characteristic
Type
Emitting
Marking
Measurement
VF[V]
IV[mcd]
color
at
IF [mA]
typ
max
λd / λp*
[nm]
min
typ
OLS-210 R
OLS-210 PG
OLS-210 G
OLS-210 SYG
OLS-210 Y
OLS-210 D
OLS-210 SD
red
pure green
green
green
yellow
orange
red
cathode
cathode
cathode
cathode
cathode
cathode
cathode
20
20
20
20
20
20
20
2,25
2,2
2,2
2,25
2,1
2,1
2,1
2,6
2,6
2,6
2,6
2,6
2,6
2,6
700 *
562
572
572
590
605
625
1.0
2.0
4.0
10
4.0
4.0
4.0
2.5
4.0
12
20
12
12
12
OSA Opto Light GmbH
Köpenicker Str. 325 / Haus 201
12555 Berlin - Germany
Tel. +49 (0)30 65 76 26 83
Fax: +49 (0)30 65 76 26 81
E-Mail: contact@osa-opto.com
Series 210 - side view
low cost
Absolute Maximum Ratings
Electro-Optical Characteristics


Similar Part No. - OLS-210R-X-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-210BA460 OSA-OLS-210BA460 Datasheet
131Kb / 5P
   Series 210 - side view blue
OLS-210BA460-X-T OSA-OLS-210BA460-X-T Datasheet
131Kb / 5P
   Series 210 - side view blue
OLS-210GB525 OSA-OLS-210GB525 Datasheet
130Kb / 5P
   Series 210 - side view green
OLS-210GB525-X-T OSA-OLS-210GB525-X-T Datasheet
130Kb / 5P
   Series 210 - side view green
OLS-210GC525-X-T OSA-OLS-210GC525-X-T Datasheet
130Kb / 5P
   Series 210 - side view green
More results

Similar Description - OLS-210R-X-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-210BA460 OSA-OLS-210BA460 Datasheet
131Kb / 5P
   Series 210 - side view blue
OLS-210UW OSA-OLS-210UW Datasheet
145Kb / 5P
   Series 210 - side view white
OLS-210GB525 OSA-OLS-210GB525 Datasheet
130Kb / 5P
   Series 210 - side view green
OLS-210HY OSA-OLS-210HY Datasheet
130Kb / 5P
   Series 210 - side view High luminous intensity
OLS-216R OSA-OLS-216R Datasheet
126Kb / 5P
   Series 216 - side view - low current low cost
OLS-210HYG OSA-OLS-210HYG Datasheet
125Kb / 5P
   Series 210 - side view green 572 nm
OLS-210UR OSA-OLS-210UR Datasheet
126Kb / 5P
   Series 210 - side view red 650 nm
OIS-210880 OSA-OIS-210880 Datasheet
129Kb / 5P
   Series 210 - side view IR high intensity 880 nm
logo
Vishay Siliconix
IRMT6452 VISHAY-IRMT6452 Datasheet
595Kb / 7P
   SIDE VIEW IRMS6452/TOP VIEW
Revision 05-July-02
logo
Rohm
SMLA12BC7T ROHM-SMLA12BC7T Datasheet
305Kb / 3P
   Low Current Side View Chip LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com