Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4119 Datasheet(PDF) 4 Page - RHOPOINT COMPONENTS

Part # 2N4119
Description  N-Channel Silicon Junction Field-Effect Transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

2N4119 Datasheet(HTML) 4 Page - RHOPOINT COMPONENTS

  2N4119 Datasheet HTML 1Page - RHOPOINT COMPONENTS 2N4119 Datasheet HTML 2Page - RHOPOINT COMPONENTS 2N4119 Datasheet HTML 3Page - RHOPOINT COMPONENTS 2N4119 Datasheet HTML 4Page - RHOPOINT COMPONENTS 2N4119 Datasheet HTML 5Page - RHOPOINT COMPONENTS 2N4119 Datasheet HTML 6Page - RHOPOINT COMPONENTS 2N4119 Datasheet HTML 7Page - RHOPOINT COMPONENTS 2N4119 Datasheet HTML 8Page - RHOPOINT COMPONENTS 2N4119 Datasheet HTML 9Page - RHOPOINT COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
01/99
B-17
2N4867, 2N4867A, 2N4868, 2N4868A, 2N4869, 2N4869A
N-Channel Silicon Junction Field-Effect Transistor
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
– 40 V
Gate Current
50 mA
Continuous Device Power Dissipation
300mW
Power Derating
1.7 mW/°C
Storage Temperature Range
– 65°C to + 200°C
TOÐ72 Package
Dimensions in Inches (mm)
Pin Configuration
1 Source, 2 Drain, 3 Gate, 4 Case
Surface Mount
SMP4867, SMP4867A, SMP4868,
SMP4868A, SMP4869, SMP4869A
2N4867
2N4868
2N4869
At 25°C free air temperature:
2N4867A
2N4868A
2N4869A
Process NJ16
Static Electrical Characteristics
Min
Max
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 40
– 40
– 40
V
IG = – 1µA, VDS = ØV
Gate Reverse Current
IGSS
– 0.25
– 0.25
– 0.25
nA
VGS = – 30V, VDS = ØV
– 0.25
– 0.25
– 0.25
µA
VGS = – 30V, VDS = ØV
TA = 150°C
Gate Source Cutoff Voltage
VGS(OFF)
– 0.7
– 2
– 1
– 3
– 1.8
– 5
V
VDS = 20V, ID = 1 µA
Drain Saturation Current (Pulsed)
IDSS
0.4
1.2
1
3
2.5
7.5
mA
VDS = 20V, VGS = ØV
Dynamic Electrical Characteristics
Common Source Forward
gfs
700
2000
1000
3000
1300
4000
µS
VDS = 20V, VGS = ØV
f = 1 kHz
Transconductance
Common Source Output Conductance
gos
1.5
4
10
µS
VDS = 20V, VGS = ØV
f = 1 kHz
Common Source Input Capacitance
Ciss
25
25
25
pF
VDS = 20V, VGS = ØV
f = 1 MHz
Common Source Reverse
Crss
555
pF
VDS = 20V, VGS = ØV
f = 1 MHz
Transfer Capacitance
Equivalent Short Circuit
¯eN
20
20
20
nV/
√HZ
VDS = 10V, VGS = ØV
f = 10 Hz
Input Noise Voltage
10
10
10
nV/
√HZ
VDS = 10V, VGS = ØV
f = 1 kHz
VDS = 10V, VGS = ØV
f = 1 kHz
Noise Figure
NF
1
1
1
dB
(2N4867, 68, 69) RG = 20 kΩ
(2N4867A, 68A, 69A) RG = 5 kΩ
¥ Audio Amplifiers
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/14/99 12:00 PM
Page B-17


Similar Part No. - 2N4119

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N4119 CALOGIC-2N4119 Datasheet
21Kb / 1P
   N-Channel JFET General Purpose Amplifier
logo
Linear Integrated Syste...
2N4119 LINEAR-2N4119 Datasheet
14Kb / 1P
   ULTRA-HIGH INPUT IMPEDANCE N-CHANNEL JFET
logo
Intersil Corporation
2N4119 INTERSIL-2N4119 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
2N4119 NJSEMI-2N4119 Datasheet
173Kb / 1P
   N-CHANNEL SILICON JUNCTION FIELD-EFFECT TRANSISTORS
logo
Micross Components
2N4119 MICROSS-2N4119 Datasheet
294Kb / 1P
   an Ultra-High Input Impedance N-Channel JFET
More results

Similar Description - 2N4119

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
InterFET Corporation
J112 INTERFET-J112 Datasheet
98Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
2N4856 INTERFET-2N4856 Datasheet
69Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
2N4416 INTERFET-2N4416 Datasheet
69Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com