Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4117A Datasheet(PDF) 10 Page - RHOPOINT COMPONENTS

Part # 2N4117A
Description  N-Channel Silicon Junction Field-Effect Transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

2N4117A Datasheet(HTML) 10 Page - RHOPOINT COMPONENTS

Back Button 2N4117A Datasheet HTML 6Page - RHOPOINT COMPONENTS 2N4117A Datasheet HTML 7Page - RHOPOINT COMPONENTS 2N4117A Datasheet HTML 8Page - RHOPOINT COMPONENTS 2N4117A Datasheet HTML 9Page - RHOPOINT COMPONENTS 2N4117A Datasheet HTML 10Page - RHOPOINT COMPONENTS 2N4117A Datasheet HTML 11Page - RHOPOINT COMPONENTS 2N4117A Datasheet HTML 12Page - RHOPOINT COMPONENTS 2N4117A Datasheet HTML 13Page - RHOPOINT COMPONENTS 2N4117A Datasheet HTML 14Page - RHOPOINT COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
01/99
B-57
J212
N-Channel Silicon Junction Field-Effect Transistor
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
– 25 V
Continuous Forward Gate Current
10 mA
Continuous Device Power Dissipation
360 mW
Power Derating
3.27 mW/°C
TOÐ226AA Package
Dimensions in Inches (mm)
Pin Configuration
1 Drain, 2 Source, 3 Gate
Surface Mount
SMPJ212
At 25°C free air temperature:
J212
Process NJ26L
Static Electrical Characteristics
Min
Typ
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 25
V
IG = – 1 µA, VDS = ØV
Gate Reverse Current
IGSS
– 100
pA
VGS = – 15V, VDS = ØV
Gate Operating Current
IG
– 10
pA
VDS = 20V, ID = 1 mA
Gate Source Cutoff Voltage
VGS(OFF)
– 4
– 6
V
VDS = 15V, ID = 1 nA
Drain Saturation Current (Pulsed)
IDSS
15
40
mA
VDS = 15V, VGS = Ø V
Dynamic Electrical Characteristics
Common Source Forward Transconductance
gfs
7000
12000
µS
VDS = 15V, VGS = Ø V
f = 1 kHz
Common Source Output Conductance
gos
200
µS
VDS = 15V, VGS = Ø V
f = 1 kHz
Common Source Input Capacitance
Ciss
4pF
VDS = 15V, VGS = Ø V
f = 1 MHz
Common Source Reverse Transfer
Crss
1pF
VDS = 15V, VGS = Ø V
f = 1 MHz
Capacitance
Equivalent Short Circuit
¯eN
10
nV/
√Hz VDS = 15V, VGS = Ø V
f = 1 kHz
Input Noise Voltage
¥ Audio Amplifier
¥ General Purpose Amplifier
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-57


Similar Part No. - 2N4117A

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N4117A CALOGIC-2N4117A Datasheet
21Kb / 1P
   N-Channel JFET General Purpose Amplifier
logo
Linear Integrated Syste...
2N4117A LINEAR-2N4117A Datasheet
14Kb / 1P
   ULTRA-HIGH INPUT IMPEDANCE N-CHANNEL JFET
logo
Vishay Siliconix
2N4117A VISHAY-2N4117A Datasheet
61Kb / 5P
   N-Channel JFETs
Rev. G, 28-Jun-04
logo
New Jersey Semi-Conduct...
2N4117A NJSEMI-2N4117A Datasheet
173Kb / 1P
   N-CHANNEL SILICON JUNCTION FIELD-EFFECT TRANSISTORS
logo
Vishay Siliconix
2N4117A VISHAY-2N4117A Datasheet
74Kb / 6P
   N-Channel JFETs
Rev. G, 28-Jun-04
More results

Similar Description - 2N4117A

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
InterFET Corporation
J112 INTERFET-J112 Datasheet
98Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
2N4856 INTERFET-2N4856 Datasheet
69Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
2N4416 INTERFET-2N4416 Datasheet
69Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com