Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLS-176HSD-CD-T Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # OLS-176HSD-CD-T
Description  Series 176 - 0805 low current High luminous intensity
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-176HSD-CD-T Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  OLS-176HSD-CD-T Datasheet HTML 1Page - OSA Opto Light GmbH OLS-176HSD-CD-T Datasheet HTML 2Page - OSA Opto Light GmbH OLS-176HSD-CD-T Datasheet HTML 3Page - OSA Opto Light GmbH OLS-176HSD-CD-T Datasheet HTML 4Page - OSA Opto Light GmbH OLS-176HSD-CD-T Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2006
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Features
- size 0805: 1,9(L) x 1,2(W) x 1,2(H) mm
- low current
- circuit substrate: glass laminated epoxy
- devices are ROHS conform
- lead free solderable, soldering pads: gold plated
- taped in 8 mm blister tape, cathode to transporting
perforation
- all devices sorted into luminous intensity classes- high luminous intensity types
- on request sorted in color classes
IF, max[mA]
IF,P [mA]
tp ≤
100 µs τ=1: 10
VR [V]
IR, max [µA]
Thermal resistance
R thJA [K / W]
TOp [°C]
TSt °[C]
20
50
5
100
500
-40...105
-55...105
-40
-20
0
20
40
60
80
100
0
5
10
15
20
T
op[°C]
Maximal
forward
current (DC)
characteristic
Type
Emitting
Marking
Measurement
VF[V]
IV[mcd]
color
at
IF [mA]
typ
max
λd / λp*
[nm]
min
typ
OLS-176 HY
OLS-176 SUD
OLS-176 HD
OLS-176 HSD
OLS-176 HR
hyper yellow
super orange
hyper orange
hyper TSN red
hyper red
cathode
cathode
cathode
cathode
cathode
2
2
2
2
2
1,9
1,9
1,9
2,0
1,9
2,6
2,6
2,6
2,6
2,6
590
605
615
625
632
6.0
6.0
6.0
6.0
4.0
15
13
15
12
8.0
OSA Opto Light GmbH
Köpenicker Str. 325 / Haus 201
12555 Berlin - Germany
Tel. +49 (0)30 65 76 26 83
Fax: +49 (0)30 65 76 26 81
E-Mail: contact@osa-opto.com
Series 176 - 0805 low current
High luminous intensity
Absolute Maximum Ratings
Electro-Optical Characteristics


Similar Part No. - OLS-176HSD-CD-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-176HSD OSA-OLS-176HSD Datasheet
224Kb / 7P
   circuit substrate: glass laminated epoxy
More results

Similar Description - OLS-176HSD-CD-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-170HY OSA-OLS-170HY Datasheet
125Kb / 5P
   Series 170 - 0805 Standard High luminous intensity
OLS-176R OSA-OLS-176R Datasheet
120Kb / 5P
   Series 176 - 0805 low current low cost
OLS-156HY OSA-OLS-156HY Datasheet
128Kb / 5P
   Series 156 - 1206 low current High luminous intensity
OLS-172HY OSA-OLS-172HY Datasheet
125Kb / 5P
   Series 172 - 0805 - Bipolar monocolor High luminous intensity
OLS-180HY OSA-OLS-180HY Datasheet
124Kb / 5P
   Series 180 - 0805 lower height High luminous intensity
OLS-216HY OSA-OLS-216HY Datasheet
128Kb / 5P
   Series 216 - side view - low current High luminous intensity
OLS-158HY OSA-OLS-158HY Datasheet
131Kb / 5P
   Series 158 - 1206 Bipolar low current High luminous intensity
OLS-336HY OSA-OLS-336HY Datasheet
132Kb / 5P
   Series 336 - with Lens - low current High luminous intensity
OLS-176HYG OSA-OLS-176HYG Datasheet
119Kb / 5P
   Series 176 - 0805 low current green 572 nm
logo
HB Electronic Component...
PLCC4XRGBCT HB-PLCC4XRGBCT Datasheet
2Mb / 10P
   High luminous Intensity
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com