Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLS-180HY-XD-T Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # OLS-180HY-XD-T
Description  Series 180 - 0805 lower height High luminous intensity
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-180HY-XD-T Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  OLS-180HY-XD-T Datasheet HTML 1Page - OSA Opto Light GmbH OLS-180HY-XD-T Datasheet HTML 2Page - OSA Opto Light GmbH OLS-180HY-XD-T Datasheet HTML 3Page - OSA Opto Light GmbH OLS-180HY-XD-T Datasheet HTML 4Page - OSA Opto Light GmbH OLS-180HY-XD-T Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2006
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Features
- size 0805: 1,9(L) x 1,2(W) x 0,9(H) mm
- circuit substrate: glass laminated epoxy
- devices are ROHS conform
- lead free solderable, soldering pads: gold plated
- taped in 8 mm blister tape, cathode to transporting
perforation
- all devices sorted into luminous intensity classes
- high luminous intensity types
- on request sorted in color classes
IF, max[mA]
IF,P [mA]
tp ≤
100 µs τ=1: 10
VR [V]
IR, max [µA]
Thermal resistance
R thJA [K / W]
TOp [°C]
TSt °[C]
30
100
5
100
500
-40...105
-55...105
-40
-20
0
20
40
60
80
100
0
10
20
30
T
op[°C]
Maximal
forward
current (DC)
characteristic
Type
Emitting
Marking
Measurement
VF[V]
IV[mcd]
color
at
IF [mA]
typ
max
λd / λp*
[nm]
min
typ
OLS-180 HY
OLS-180 SUD
OLS-180 HD
OLS-180 HSD
OLS-180 HR
hyper yellow
super orange
hyper orange
hyper TSN red
hyper red
cathode
cathode
cathode
cathode
cathode
20
20
20
20
20
2,0
2,0
2,0
2,1
2,0
2,6
2,6
2,6
2,6
2,6
590
605
615
625
632
60
60
60
60
40
150
130
150
120
85
OSA Opto Light GmbH
Köpenicker Str. 325 / Haus 201
12555 Berlin - Germany
Tel. +49 (0)30 65 76 26 83
Fax: +49 (0)30 65 76 26 81
E-Mail: contact@osa-opto.com
Series 180 - 0805 lower height
High luminous intensity
Absolute Maximum Ratings
Electro-Optical Characteristics


Similar Part No. - OLS-180HY-XD-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-180D-C-T OSA-OLS-180D-C-T Datasheet
125Kb / 5P
   Series 180 - 0805 lower height low cost
OLS-180D-CD-T OSA-OLS-180D-CD-T Datasheet
125Kb / 5P
   Series 180 - 0805 lower height low cost
OLS-180D-X-T OSA-OLS-180D-X-T Datasheet
125Kb / 5P
   Series 180 - 0805 lower height low cost
OLS-180D-XD-T OSA-OLS-180D-XD-T Datasheet
125Kb / 5P
   Series 180 - 0805 lower height low cost
OLS-180G-C-T OSA-OLS-180G-C-T Datasheet
125Kb / 5P
   Series 180 - 0805 lower height low cost
More results

Similar Description - OLS-180HY-XD-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OIS-180880 OSA-OIS-180880 Datasheet
123Kb / 5P
   Series 180 - 0805 lower height IR high intensity 880 nm
OLS-250HY OSA-OLS-250HY Datasheet
130Kb / 5P
   Series 250 - 1206 lower height High luminous intensity
OLS-180UW OSA-OLS-180UW Datasheet
171Kb / 5P
   Series 180 - 0805 lower height white
OLS-170HY OSA-OLS-170HY Datasheet
125Kb / 5P
   Series 170 - 0805 Standard High luminous intensity
OLS-180R OSA-OLS-180R Datasheet
125Kb / 5P
   Series 180 - 0805 lower height low cost
OLS-176HY OSA-OLS-176HY Datasheet
123Kb / 5P
   Series 176 - 0805 low current High luminous intensity
OLS-172HY OSA-OLS-172HY Datasheet
125Kb / 5P
   Series 172 - 0805 - Bipolar monocolor High luminous intensity
OLS-180UR OSA-OLS-180UR Datasheet
121Kb / 5P
   Series 180 - 0805 lower height red 650 nm
logo
HB Electronic Component...
PLCC4XRGBCT HB-PLCC4XRGBCT Datasheet
2Mb / 10P
   High luminous Intensity
logo
P-tec Corporation
PL5050A6-WCR50 P-TEC-PL5050A6-WCR50 Datasheet
401Kb / 7P
   High luminous intensity
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com