Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLS-176SR-X-T Datasheet(PDF) 2 Page - OSA Opto Light GmbH

Part # OLS-176SR-X-T
Description  Series 176 - 0805 low current red 650 nm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-176SR-X-T Datasheet(HTML) 2 Page - OSA Opto Light GmbH

  OLS-176SR-X-T Datasheet HTML 1Page - OSA Opto Light GmbH OLS-176SR-X-T Datasheet HTML 2Page - OSA Opto Light GmbH OLS-176SR-X-T Datasheet HTML 3Page - OSA Opto Light GmbH OLS-176SR-X-T Datasheet HTML 4Page - OSA Opto Light GmbH OLS-176SR-X-T Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
edition 10/05
© 2005
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
0
30
60
90
120
150
180
0,0
0,5
1,0
view angle
1
10
1,6
1,7
1,8
1,9
UR
SR
UF (V)
UF – IF
characteristic
0
1
2
3
4
5
6
7
8
9
10
11
0,2
0,4
0,6
0,8
1,0
1,2
SR
UR
IF (mA)
IF – Iv, rel
characteristic


Similar Part No. - OLS-176SR-X-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-176SD-C-T OSA-OLS-176SD-C-T Datasheet
120Kb / 5P
   Series 176 - 0805 low current low cost
OLS-176SD-CD-T OSA-OLS-176SD-CD-T Datasheet
120Kb / 5P
   Series 176 - 0805 low current low cost
OLS-176SD-X-T OSA-OLS-176SD-X-T Datasheet
120Kb / 5P
   Series 176 - 0805 low current low cost
OLS-176SD-XD-T OSA-OLS-176SD-XD-T Datasheet
120Kb / 5P
   Series 176 - 0805 low current low cost
OLS-176SUD-C-T OSA-OLS-176SUD-C-T Datasheet
123Kb / 5P
   Series 176 - 0805 low current High luminous intensity
More results

Similar Description - OLS-176SR-X-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-176HYG OSA-OLS-176HYG Datasheet
119Kb / 5P
   Series 176 - 0805 low current green 572 nm
OLS-170UR OSA-OLS-170UR Datasheet
121Kb / 5P
   Series 170 - 0805 Standard red 650 nm
OLS-176R OSA-OLS-176R Datasheet
120Kb / 5P
   Series 176 - 0805 low current low cost
OLS-156UR OSA-OLS-156UR Datasheet
121Kb / 5P
   Series 156 - 1206 low current red 650 nm
OLS-176HY OSA-OLS-176HY Datasheet
123Kb / 5P
   Series 176 - 0805 low current High luminous intensity
OLS-172UR OSA-OLS-172UR Datasheet
121Kb / 5P
   Series 172 - 0805 - Bipolar monocolor red 650 nm
OLS-180UR OSA-OLS-180UR Datasheet
121Kb / 5P
   Series 180 - 0805 lower height red 650 nm
OLS-216UR OSA-OLS-216UR Datasheet
125Kb / 5P
   Series 216 - side view - low current red 650 nm
OLS-158UR OSA-OLS-158UR Datasheet
124Kb / 5P
   Series 158 - 1206 Bipolar low current red 650 nm
OLS-210UR OSA-OLS-210UR Datasheet
126Kb / 5P
   Series 210 - side view red 650 nm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com