Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM102061006DE Datasheet(PDF) 3 Page - Ohmite Mfg. Co.

Part # SM102061006DE
Description  Precision Thick Film Planar
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

SM102061006DE Datasheet(HTML) 3 Page - Ohmite Mfg. Co.

  SM102061006DE Datasheet HTML 1Page - Ohmite Mfg. Co. SM102061006DE Datasheet HTML 2Page - Ohmite Mfg. Co. SM102061006DE Datasheet HTML 3Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
70
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
100
Ambient Temperature,
°C
60
20
0
0
100
50
175
80
40
110
°
25
75
125
150
200
180
°
Epoxy
Silicone
70
°
Slim-Mox
temperature/Voltage coefficients of resistance
performance characteristics
temperature Derating
Tempera T ure/Vol T age Coeffi C ien T s of r esis T an C e
Temp. Coeff. of Resistance*
0°C-85°C
85°C and above
Voltage Coeff. of Resistance**
Resistor Series
25 PPM/°C
50 PPM/°C
100 PPM/°C
< 2PPM/Volt
< 5PPM/Volt
SLIM-MOX100
100 to 300M
100
Ω to 50M
51M to 500M
100
Ω to 140M
141M to 500M
SLIM-MOX101
100 to 800M
100
Ω to 100M
101M to 1,000M
100
Ω to 270M
271M to 1,000M
SLIM-MOX102
200 to 1,500M
200
Ω to 250M
251M to 5,000M
200
Ω to 640M
641M to 5,000M
SLIM-MOX103
250 to 800M
250
Ω to 440M
441M to 5,000M
250
Ω to 1,100M 1,101M to 5,000M
SLIM-MOX104
500 to 2,500M
500
Ω to 450M
451M to 5,000M
500
Ω to 1,100M 1,101M to 5,000M
SLIM-MOX106
750 to 5,000M
750
Ω to 675M
676M to 5,000M
750
Ω to 1,600M 1,601M to 5,000M
SLIM-MOX108
1K to 2,500M
1K to 375M
376M to 5,000M
1K to 940M
941M to 5,000M
SLIM-MOX202
500 to 1,500M
500
Ω to 200M
201M to 5,000M
500
Ω to 520M
521M to 5,000M
SLIM-MOX204
1K to 1,750M
1K to 375M
376M to 5,000M
1K to 950M
951M to 5,000M
SLIM-MOX206
2K to 4,500M
2K to 600M
601M to 5,000M
2K to 1,500M
1,501M to 5,000M
SLIM-MOX208
2K to 5,000M
2K to 1,000M
1,001M to 5,000M
2K to 2,500M
2,501M to 5,000M
SLIM-MOX210
3K to 5,000M
3K to 1,000M
1,001M to 5,000M
3K to 2,600M
2,601M to 5,000M
SLIM-MOX306
3K to 5,000M
3K to 1,000M
1,001M to 5,000M
3K to 2,600M
2,601M to 5,000M
SLIM-MOX308
4K to 5,000M
4K to 1,200M
1,201M to 5,000M
4K to 3,000M
3,001M to 5,000M
SLIM-MOX310
5K to 5,000M
5K to 1,500M
1,501M to 5,000M
5K to 4,000M
4,001M to 5,000M
SLIM-MOX404
3K to 5,000M
3K to 1,100M
1,101M to 5,000M
3K to 2,800M
2,801M to 5,000M
SLIM-MOX408
5K to 5,000M
5K to 1,250M
1,251M to 5,000M
5K to 3,000M
3,001M to 5,000M
SLIM-MOX410
5K to 5,000M
5K to 1,200M
1,201M to 5,000M
5K to 3,000M
3,001M to 5,000M
SLIM-MOX103RD
1M to 800M
1M to 70M
71M to 5,000M
1M to 185M
186M to 5,000M
SLIM-MOX104RD
1M to 2,500M
1M to 275M
276M to 5,000M
1M to 720M
721M to 5,000M
SLIM-MOX106RD
1M to 5,000M
1M to 250M
251M to 5,000M
1M to 640M
641M to 5,000M
SLIM-MOX108RD
1M to 2,500M
1M to 350M
351M to 5,000M
1M to 875M
876M to 5,000M
SLIM-MOX204RD
1M to 1,750M
1M to 300M
301M to 5,000M
1M to 750M
751M to 5,000M
SLIM-MOX206RD
1M to 4,500M
1M to 1,750M
1,751M to 5,000M
1M to 4,500M
4,501M to 5,000M
SLIM-MOX208RD
1M to 5,000M
1M to 625M
626M to 5,000M
1M to 1,550M
1,551M to 5,000M
SLIM-MOX210RD
1M to 5,000M
1M to 950M
951M to 5,000M
1M to 2,400M
2,401M to 5,000M
SLIM-MOX306RD
1M to 5,000M
1M to 800M
801M to 5,000M
1M to 2,000M
2,001M to 5,000M
SLIM-MOX308RD
1M to 5,000M
1M to 1,200M
1,201M to 5,000M
1M to 2,600M
2,601M to 5,000M
SLIM-MOX310RD
1M to 5,000M
1M to 1,000M
1,001M to 5,000M
1M to 3,900M
3,901M to 5,000M
SLIM-MOX408RD
1M to 5,000M
1M to 1,600M
1,601M to 5,000M
1M to 4,000M
4,001M to 5,000M
SLIM-MOX410RD
1M to 5,000M
1M to 1,200M
1,201M to 5,000M
1M to 3,000M
3,001M to 5,000M
*Epoxy operating temp.: -55° to 110°C; Silicone operating temp.: -55° to 180°C
**VC’s of <2PPM/Volt are available. Contact Ohmite with your requirement.
performan C e da T a
Characteristic
Test Method
Specification
Humidity
MIL-STD-202, Method 103B, Condition B
±0.25%
Dielectric Withstanding Voltage
MIL-STD-202, Method 301, 750V
±0.25%
Insulation Resistance
MIL-STD-202, Method 302, Condition A or B
>10,000M or greater dry
Thermal Shock
MIL-STD-202, Method 107G, Condition B, B-1, or F
±0.20%
Load Life
MIL-STD-202, Method 108A, Condition D
±1.0%
Resistance to Solvents
MIL-STD-202, Method 215G
No degradation of
coating or marking
Terminal Strength
MIL-STD-202, Method 211A, Condition A or B
±0.25%
Shock (Specified Pulse)
MIL-STD-202, Method 213B, Condition I
±0.25%
Vibration, High Frequency
MIL-STD-202, Method 204D, Condition D
±.020%
Power Conditioning
MIL-R-49462A, Par 4.8
±0.50%
Solderability
MIL-STD-202, Method 208F
>95% Coverage
dera T ing
ordering informa T ion
� � � � � � � � � � � � �
Slim Mox
Series
Terminal
0 = 0.032" std.
(for SM102 - 410)
0 = 0.025" std.
(SM100 and 101)
Style
100 to 410
Tolerance
D = 0.5%
F = 1%
G = 2%
J = 5%
K = 10%
M = 15%
P = 20%
Coating
2 = Blue silicone (high temp.)
3 = Epoxy (standard)
6 = No coating
Ohms
First 3 digits are
significant; 4th digit is
multiplier (# of zeroes
to follow). Examples:
10R2 = 10.2 ohms
1000 = 100 ohms
1503 = 150,000 ohms
RoHS Compliant
To specify Slim-Mox
Dividers,
please see our website at:
www.ohmite.com/dividers
Check product availability at
www.ohmite.com


Similar Part No. - SM102061006DE

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM10200C SECOS-SM10200C Datasheet
311Kb / 2P
   Voltage 200V 10.0 Amp Schottky Barrier Rectifiers
SM10200D SECOS-SM10200D Datasheet
249Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SM10200D1 SECOS-SM10200D1 Datasheet
265Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SM10200D1 SECOS-SM10200D1 Datasheet
790Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SM10200D1 SECOS-SM10200D1_10 Datasheet
790Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
More results

Similar Description - SM102061006DE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-14NF1071U PANASONIC-ERJ-14NF1071U Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ3EKF2000V PANASONIC-ERJ3EKF2000V Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF1001C PANASONIC-ERJ-1GEF1001C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF8251C PANASONIC-ERJ-1GEF8251C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-2RKF10R0X PANASONIC-ERJ-2RKF10R0X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF1004X PANASONIC-ERJ-2RKF1004X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF2153X PANASONIC-ERJ-2RKF2153X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-8ENF2004V PANASONIC-ERJ-8ENF2004V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-3EKF6800V PANASONIC-ERJ-3EKF6800V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
logo
Panasonic Battery Group
ERJ-3EKF16R5V PANASONICBATTERY-ERJ-3EKF16R5V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com