Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLS-176HYG-X-T Datasheet(PDF) 5 Page - OSA Opto Light GmbH

Part # OLS-176HYG-X-T
Description  Series 176 - 0805 low current green 572 nm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-176HYG-X-T Datasheet(HTML) 5 Page - OSA Opto Light GmbH

  OLS-176HYG-X-T Datasheet HTML 1Page - OSA Opto Light GmbH OLS-176HYG-X-T Datasheet HTML 2Page - OSA Opto Light GmbH OLS-176HYG-X-T Datasheet HTML 3Page - OSA Opto Light GmbH OLS-176HYG-X-T Datasheet HTML 4Page - OSA Opto Light GmbH OLS-176HYG-X-T Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
edition 10/05
© 2005
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Packing:
The reel is sealed in special plastic bag with integrate ESD protection
( MIL - STD 81705 ) including a silica dry-pack
Label
Order No.
XXXXXXXXX
Customer order No.
Type
OLS-176 ?????-??-T
Intensity group
ZZ
Color class
: CC
Color class - optional
Charge No.
1122-AAAAAA
11 Week – 22 year – A internal identification
Quantity
9999
Attention please:
The information describes the type of component and shall not considered as assured characteristics. Terms of
delivery and rights to change reserved.
Due to technical requirements components may contain dangerous substances.
The data sheet may changed without prior information; the valid issue will be on our webpage in internet.
Packaging:
Please use the recycling operators known to you.
Components used in life support devices or systems and safety systems must be expressly authorized for such
purpose!
D
Parts/reel
180 mm
330 mm
3000
12000
Tape And Reel Packing


Similar Part No. - OLS-176HYG-X-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-176HY OSA-OLS-176HY Datasheet
123Kb / 5P
   Series 176 - 0805 low current High luminous intensity
OLS-176HY-C-T OSA-OLS-176HY-C-T Datasheet
123Kb / 5P
   Series 176 - 0805 low current High luminous intensity
OLS-176HY-CD-T OSA-OLS-176HY-CD-T Datasheet
123Kb / 5P
   Series 176 - 0805 low current High luminous intensity
OLS-176HY-X-T OSA-OLS-176HY-X-T Datasheet
123Kb / 5P
   Series 176 - 0805 low current High luminous intensity
OLS-176HY-XD-T OSA-OLS-176HY-XD-T Datasheet
123Kb / 5P
   Series 176 - 0805 low current High luminous intensity
More results

Similar Description - OLS-176HYG-X-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-176UR OSA-OLS-176UR Datasheet
120Kb / 5P
   Series 176 - 0805 low current red 650 nm
OLS-170HYG OSA-OLS-170HYG Datasheet
120Kb / 5P
   Series 170 - 0805 Standard green 572 nm
OLS-176R OSA-OLS-176R Datasheet
120Kb / 5P
   Series 176 - 0805 low current low cost
OLS-176HY OSA-OLS-176HY Datasheet
123Kb / 5P
   Series 176 - 0805 low current High luminous intensity
OLS-156HYG OSA-OLS-156HYG Datasheet
121Kb / 5P
   Series 156 - 1206 low current green 572 nm
OLS-216HYG OSA-OLS-216HYG Datasheet
124Kb / 5P
   Series 216 - side view - low current green 572 nm
OLS-336HYG OSA-OLS-336HYG Datasheet
128Kb / 5P
   Series 336 - with Lens - low current green 572 nm
OLS-150HYG OSA-OLS-150HYG Datasheet
121Kb / 5P
   Series 150 - 1206 Standard green 572 nm
OLS-210HYG OSA-OLS-210HYG Datasheet
125Kb / 5P
   Series 210 - side view green 572 nm
OLS-250HYG OSA-OLS-250HYG Datasheet
121Kb / 5P
   Series 250 - 1206 lower height green 572 nm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com