Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLS-170D-XD-T Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # OLS-170D-XD-T
Description  Series 170 - 0805 Standard low cost
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-170D-XD-T Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  OLS-170D-XD-T Datasheet HTML 1Page - OSA Opto Light GmbH OLS-170D-XD-T Datasheet HTML 2Page - OSA Opto Light GmbH OLS-170D-XD-T Datasheet HTML 3Page - OSA Opto Light GmbH OLS-170D-XD-T Datasheet HTML 4Page - OSA Opto Light GmbH OLS-170D-XD-T Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2005
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Features
- size 0805: 1,9(L) x 1,2(W) x 1,2(H) mm
- circuit substrate: glass laminated epoxy
- devices are ROHS conform
- lead free solderable, soldering pads: gold plated
- taped in 8 mm blister tape, cathode to transporting
perforation
- all devices sorted into luminous intensity classes
IF, max[mA]
IF,P [mA]
tp ≤
100 µs τ=1: 10
VR [V]
IR, max [µA]
Thermal resistance
R thJA [K / W]
TOp [°C]
TSt °[C]
20
100
8
100
500
-40...85
-55...85
-40
-20
0
20
40
60
80
0
5
10
15
20
T
op[°C]
Maximal
forward
current (DC)
characteristic
Type
Emitting
Marking
Measurement
VF[V]
IV[mcd]
color
at
IF [mA]
typ
max
λd / λp*
[nm]
min
typ
OLS-170 R
OLS-170 PG
OLS-170 G
OLS-170 SYG
OLS-170 Y
OLS-170 D
OLS-170 SD
red
pure green
green
green
yellow
orange
red
cathode
cathode
cathode
cathode
cathode
cathode
cathode
20
20
20
20
20
20
20
2,25
2,2
2,2
2,25
2,1
2,1
2,1
2,6
2,6
2,6
2,6
2,6
2,6
2,6
700 *
562
572
572
590
605
625
1.0
2.0
4.0
10
4.0
4.0
4.0
2.5
4.0
12
20
12
12
12
OSA Opto Light GmbH
Köpenicker Str. 325 / Haus 201
12555 Berlin - Germany
Tel. +49 (0)30 65 76 26 83
Fax: +49 (0)30 65 76 26 81
E-Mail: contact@osa-opto.com
Series 170 - 0805 Standard
low cost
Absolute Maximum Ratings
Electro-Optical Characteristics


Similar Part No. - OLS-170D-XD-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-170BA460 OSA-OLS-170BA460 Datasheet
126Kb / 5P
   Series 170 - 0805 Standard blue
OLS-170BA460-C-T OSA-OLS-170BA460-C-T Datasheet
126Kb / 5P
   Series 170 - 0805 Standard blue
OLS-170BA460-CD-T OSA-OLS-170BA460-CD-T Datasheet
126Kb / 5P
   Series 170 - 0805 Standard blue
OLS-170BA460-X-T OSA-OLS-170BA460-X-T Datasheet
126Kb / 5P
   Series 170 - 0805 Standard blue
OLS-170BA460-XD-T OSA-OLS-170BA460-XD-T Datasheet
126Kb / 5P
   Series 170 - 0805 Standard blue
More results

Similar Description - OLS-170D-XD-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-170BA460 OSA-OLS-170BA460 Datasheet
126Kb / 5P
   Series 170 - 0805 Standard blue
OLS-170GB525 OSA-OLS-170GB525 Datasheet
126Kb / 5P
   Series 170 - 0805 Standard green
OLS-170UW OSA-OLS-170UW Datasheet
138Kb / 5P
   Series 170 - 0805 Standard white
OLS-170HYG OSA-OLS-170HYG Datasheet
120Kb / 5P
   Series 170 - 0805 Standard green 572 nm
OLS-170HY OSA-OLS-170HY Datasheet
125Kb / 5P
   Series 170 - 0805 Standard High luminous intensity
OLS-170UR OSA-OLS-170UR Datasheet
121Kb / 5P
   Series 170 - 0805 Standard red 650 nm
OIS-170880 OSA-OIS-170880 Datasheet
123Kb / 5P
   Series 170 - 0805 Standard IR high intensity 880 nm
OIS-170660 OSA-OIS-170660 Datasheet
114Kb / 5P
   Series 170 - 0805 Standard IR high intensity 660-850 nm
OIS-170885 OSA-OIS-170885 Datasheet
114Kb / 5P
   Series 170 - 0805 Standard IR high intensity 885-950 nm
OLS-176R OSA-OLS-176R Datasheet
120Kb / 5P
   Series 176 - 0805 low current low cost
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com