Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OIS-170885 Datasheet(PDF) 2 Page - OSA Opto Light GmbH

Part # OIS-170885
Description  Series 170 - 0805 Standard IR high intensity 885-950 nm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OIS-170885 Datasheet(HTML) 2 Page - OSA Opto Light GmbH

  OIS-170885 Datasheet HTML 1Page - OSA Opto Light GmbH OIS-170885 Datasheet HTML 2Page - OSA Opto Light GmbH OIS-170885 Datasheet HTML 3Page - OSA Opto Light GmbH OIS-170885 Datasheet HTML 4Page - OSA Opto Light GmbH OIS-170885 Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
preliminary edition 10/05
© 2005
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
0
30
60
90
120
150
180
0,0
0,5
1,0
view angle


Similar Part No. - OIS-170885

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OIS-170880 OSA-OIS-170880 Datasheet
123Kb / 5P
   Series 170 - 0805 Standard IR high intensity 880 nm
OIS-170880-X-T OSA-OIS-170880-X-T Datasheet
123Kb / 5P
   Series 170 - 0805 Standard IR high intensity 880 nm
More results

Similar Description - OIS-170885

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OIS-150885 OSA-OIS-150885 Datasheet
116Kb / 5P
   Series 150 - 1206 Standard IR high intensity 885-950 nm
OIS-170880 OSA-OIS-170880 Datasheet
123Kb / 5P
   Series 170 - 0805 Standard IR high intensity 880 nm
OIS-170660 OSA-OIS-170660 Datasheet
114Kb / 5P
   Series 170 - 0805 Standard IR high intensity 660-850 nm
OIS-250885 OSA-OIS-250885 Datasheet
116Kb / 5P
   Series 250 - 1206 lower height IR high intensity 885-950 nm
OIS-330885 OSA-OIS-330885 Datasheet
123Kb / 5P
   Series 330 - 1206 with Lens IR high intensity 885-950 nm
OLS-170HY OSA-OLS-170HY Datasheet
125Kb / 5P
   Series 170 - 0805 Standard High luminous intensity
OLS-170HYG OSA-OLS-170HYG Datasheet
120Kb / 5P
   Series 170 - 0805 Standard green 572 nm
OLS-170UR OSA-OLS-170UR Datasheet
121Kb / 5P
   Series 170 - 0805 Standard red 650 nm
OIS-180880 OSA-OIS-180880 Datasheet
123Kb / 5P
   Series 180 - 0805 lower height IR high intensity 880 nm
OIS-150880 OSA-OIS-150880 Datasheet
125Kb / 5P
   Series 150 - 1206 Standard IR high intensity 880 nm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com