Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSP16T1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BSP16T1
Description  SOT-223 PACKAGE PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BSP16T1 Datasheet(HTML) 2 Page - Motorola, Inc

  BSP16T1 Datasheet HTML 1Page - Motorola, Inc BSP16T1 Datasheet HTML 2Page - Motorola, Inc BSP16T1 Datasheet HTML 3Page - Motorola, Inc BSP16T1 Datasheet HTML 4Page - Motorola, Inc BSP16T1 Datasheet HTML 5Page - Motorola, Inc BSP16T1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BSP16T1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (continued) (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(VCE = – 10 Vdc, IC = –50 mAdc)
hFE
30
120
Collector-Emitter Saturation Voltage
(IC = – 50 mAdc, IB = – 5.0 mAdc)
VCE(sat)
– 2.0
Vdc
DYNAMIC CHARACTERISTICS
Current Gain – Bandwidth Product
(VCE = – 10 Vdc, IC = –10 mAdc, f = 30 MHz)
fT
15
MHz
Collector–Base Capacitance
(VCB = – 10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
15
pF


Similar Part No. - BSP16T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BSP16T1 ONSEMI-BSP16T1 Datasheet
66Kb / 3P
   High Voltage Transistors PNP Silicon
June, 2007 - Rev. 6
BSP16T1G ONSEMI-BSP16T1G Datasheet
66Kb / 3P
   High Voltage Transistors PNP Silicon
June, 2007 - Rev. 6
BSP16T1G ONSEMI-BSP16T1G Datasheet
118Kb / 3P
   High Voltage Transistors
September, 2010 -- Rev. 7
BSP16T1G ONSEMI-BSP16T1G Datasheet
118Kb / 3P
   High Voltage Transistors
September, 2010 -- Rev. 7
More results

Similar Description - BSP16T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
PZT2907AT1 MOTOROLA-PZT2907AT1 Datasheet
139Kb / 6P
   SOT-223 PACKAGE PNP SILICON TRANSISTOR SURFACE MOUNT
PZT751T1 MOTOROLA-PZT751T1 Datasheet
119Kb / 6P
   SOT-223 PACKAGE HIGH CURRENT PNP SILICON TRANSISTOR SURFACE MOUNT
BSP19AT1 MOTOROLA-BSP19AT1 Datasheet
119Kb / 6P
   SOT.223 PACKAGE NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
PZT2222AT1 MOTOROLA-PZT2222AT1 Datasheet
136Kb / 6P
   SOT-223 PACKAGE NPN SILICON TRANSISTOR SURFACE MOUNT
PZTA14T1 MOTOROLA-PZTA14T1 Datasheet
167Kb / 6P
   SOT-223 PACKAGE MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
logo
National Semiconductor ...
MA04A NSC-MA04A Datasheet
53Kb / 1P
   MOLDED PACKAGE SOT-223
logo
Diodes Incorporated
FZT1053ATA DIODES-FZT1053ATA Datasheet
209Kb / 5P
   75V NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT-223
logo
Stanson Technology
ST05N20 STANSON-ST05N20 Datasheet
623Kb / 6P
   SOT-223 package design
logo
Central Semiconductor C...
CMPTA94 CENTRAL-CMPTA94_10 Datasheet
327Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE PNP SILICON TRANSISTOR
logo
Motorola, Inc
PZTA92T1 MOTOROLA-PZTA92T1 Datasheet
60Kb / 4P
   PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com