Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

247-039SN Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 247-039SN
Description  Filtered Wall Mount Receptacle Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

247-039SN Datasheet(HTML) 1 Page - Glenair, Inc.

  247-039SN Datasheet HTML 1Page - Glenair, Inc. 247-039SN Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2008 Glenair, Inc.
www.glenair.com
G-2
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
CAGE Codes 06324
E-Mail: sales@glenair.com
G
247-039
MIL-DTL-38999 Series 1.5
(Eurofighter JN Spec)
Filtered Wall Mount Receptacle Connector
Pin A
1.235
(31.4)
Max
.632
(16.1)
Max
.096
(2.4)
Max
.619
(15.7)
1.000 (25.4)
.995 (25.3)
1.250 (31.8)
Max
.957 (24.3)
.949 (24.1)
.118 (3.0)
Max Panel Thickness
1.235
(31.4) Max
.974 (24.7)
.963 (24.4)
.020 (.5)
26 Pins
4x Holes
.128 (3.3)
Filter Connector
Product Code
MIL-DTL-38999
Series 1.5 Type
Contact
P - Pin
S - Socket
Alternative Key Position
Per MIL-DTL-38999
A, B, C, D, or E N - Normal
247 - 039 - P
N
W - Wall Mount


Similar Part No. - 247-039SN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
247-026PCA GLENAIR-247-026PCA Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
247-026PCB GLENAIR-247-026PCB Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
247-026PCC GLENAIR-247-026PCC Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
247-026PCD GLENAIR-247-026PCD Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
247-026PCE GLENAIR-247-026PCE Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
More results

Similar Description - 247-039SN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-515-WM36-4PS GLENAIR-240-515-WM36-4PS Datasheet
563Kb / 2P
   Wall Mount Filtered Receptacle Connector
240-ITS-WM20-3PS GLENAIR-240-ITS-WM20-3PS Datasheet
480Kb / 2P
   Wall Mount Filtered Receptacle Connector
240-ITS-JM20-3PS GLENAIR-240-ITS-JM20-3PS Datasheet
481Kb / 2P
   Jam Nut Mount Filtered Receptacle Connector
240-515-JM36-4PS GLENAIR-240-515-JM36-4PS Datasheet
504Kb / 2P
   Jam Nut Mount Filtered Receptacle Connector
180-040 GLENAIR-180-040 Datasheet
259Kb / 3P
   Wall Mount Receptacle Connector
240-383WM15-35P GLENAIR-240-383WM15-35P Datasheet
411Kb / 2P
   Filter Connector Wall Mount Receptacle
240-384WM10-35P GLENAIR-240-384WM10-35P Datasheet
357Kb / 2P
   Filter Connector Wall Mount Receptacle
257-606 GLENAIR-257-606 Datasheet
691Kb / 6P
   Wall Mount Quadrax Receptacle Connector
233-105-00XM09 GLENAIR-233-105-00XM09 Datasheet
369Kb / 2P
   Wall Mount Environmental Receptacle Connector
233-105-00 GLENAIR-233-105-00 Datasheet
244Kb / 3P
   Wall Mount Environmental Receptacle Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com