Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

247-039SB Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 247-039SB
Description  Filtered Wall Mount Receptacle Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

247-039SB Datasheet(HTML) 2 Page - Glenair, Inc.

  247-039SB Datasheet HTML 1Page - Glenair, Inc. 247-039SB Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Printed in U.S.A.
E-Mail: sales@glenair.com
G-3
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2008 Glenair, Inc.
CAGE Codes 06324
www.glenair.com
G
APPLICATION NOTES
1. This drawing describes the requirements for a filtered 26 way Size 20 pin
contact, PCB Tail receptacle, complying with Eurofighter J62 .017 (JN1003)
shell size 16 connector, polarization position 'N' insert arrangement 26.
2. Electrical Characteristics:
I. Current rating - each contact at 25° C: 3A DC
II. Working voltage - 100 VDC at sea level
III. Dielectric withstand voltage (DWV) - 250 VDV @ 5 sec.
IV. Typical capacitance - per table I +/- 20%
V. Attenuation - per MIL-STD-220A (in 50 Ohm system no load) per table I
3. Transient Protection:
4. Environmental Requirements:
I. Temperature range: -55°C to +125°C
II. Shock: 40g x 6mS
III. Vibration: 10g RMS @ 50 to 2000 Hz
IV. Humidity: up to 95% R.H.
5. Materials and finishes in accordance with
J62.017, Summarized as follows:
I. Shell: aluminum alloy
II. Finish: olive drab cad plate over nickel
III. Contacts: copper alloy gold plate over nickel
IV. Insulator: high grade plastic
V. Potting: epoxy
Lines
W.V.
B.V.
C.V.
ENERGY
1-2
26V @ 50uA DC
31-38V @ 1mA DC
58V @ 30A @ 8/20 us
0.1 J
3-13
30V @ 50uA DC
37-46V @ 1mA DC
65V @ 30A @ 8/20 us
0.1 J
TABLE I: FILTER PERFORMANCE
CONT.
NO.
CAP nF
FILTER
TYPE
ATT. dB
0.5M
1M
10M
100M
1G
All
112
PI
13
17
48
55
50
247-039
MIL-DTL-38999 Series 1.5
(Eurofighter JN Spec)
Filtered Wall Mount Receptacle Connector


Similar Part No. - 247-039SB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
247-026PCA GLENAIR-247-026PCA Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
247-026PCB GLENAIR-247-026PCB Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
247-026PCC GLENAIR-247-026PCC Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
247-026PCD GLENAIR-247-026PCD Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
247-026PCE GLENAIR-247-026PCE Datasheet
313Kb / 2P
   Hybrid Fiber Optic/Electrical Filtered Jam Nut Mount Receptacle Connector
More results

Similar Description - 247-039SB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-515-WM36-4PS GLENAIR-240-515-WM36-4PS Datasheet
563Kb / 2P
   Wall Mount Filtered Receptacle Connector
240-ITS-WM20-3PS GLENAIR-240-ITS-WM20-3PS Datasheet
480Kb / 2P
   Wall Mount Filtered Receptacle Connector
240-ITS-JM20-3PS GLENAIR-240-ITS-JM20-3PS Datasheet
481Kb / 2P
   Jam Nut Mount Filtered Receptacle Connector
240-515-JM36-4PS GLENAIR-240-515-JM36-4PS Datasheet
504Kb / 2P
   Jam Nut Mount Filtered Receptacle Connector
180-040 GLENAIR-180-040 Datasheet
259Kb / 3P
   Wall Mount Receptacle Connector
240-383WM15-35P GLENAIR-240-383WM15-35P Datasheet
411Kb / 2P
   Filter Connector Wall Mount Receptacle
240-384WM10-35P GLENAIR-240-384WM10-35P Datasheet
357Kb / 2P
   Filter Connector Wall Mount Receptacle
257-606 GLENAIR-257-606 Datasheet
691Kb / 6P
   Wall Mount Quadrax Receptacle Connector
233-105-00XM09 GLENAIR-233-105-00XM09 Datasheet
369Kb / 2P
   Wall Mount Environmental Receptacle Connector
233-105-00 GLENAIR-233-105-00 Datasheet
244Kb / 3P
   Wall Mount Environmental Receptacle Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com