Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK70003 Datasheet(PDF) 2 Page - TOKO, Inc

Part # TK70003
Description  SINGLE OUTPUT, TWO INPUT SOLID STATE SWITCH
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK70003 Datasheet(HTML) 2 Page - TOKO, Inc

  TK70003 Datasheet HTML 1Page - TOKO, Inc TK70003 Datasheet HTML 2Page - TOKO, Inc TK70003 Datasheet HTML 3Page - TOKO, Inc TK70003 Datasheet HTML 4Page - TOKO, Inc TK70003 Datasheet HTML 5Page - TOKO, Inc TK70003 Datasheet HTML 6Page - TOKO, Inc TK70003 Datasheet HTML 7Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2
January 1999 TOKO, Inc.
TK70003
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ......................................................... 14 V
Output Current .................................................... 130 mA
Power Dissipation (Note 1) ................................ 350 mW
Control Terminal Voltage ........................................... 8 V
Reverse Bias Voltage ................................................. 8 V
Storage Temperature Range ................... -55 to +150
°C
Operating Temperature Range ................... -30 to +80
°C
Operating Voltage Range ............................... 1.6 to 12 V
Lead Soldering Temperature (10 s) ...................... 235
°C
TK70003 ELECTRICAL CHARACTERISTICS
Test conditions: V
IN = 2.5 V, TA = 25 °C, unless otherwise specified.
Note 1: Power dissipation is 350 mW when mounted as recommended. Derate at 2.8 mW/
°C for operation above 25 °C. Power
dissipation is 150 mW in Free Air. Derate at 1.2 mW/
°C for operation above 25 °C.
Note 2: By grounding this terminal, the operation completely stops and the input current decreases to a pA level.
Note 3: Ground current is defined as I
IN - IOUT, excluding control current. Refer to “Definition of Terms.”
Note 4: If both input voltages are the same (parallel operation), both switches can be turned on at the same time. If the input voltages
are different, only one switch should be turned on at any given time.
Gen. Note: Parameters with min. or max. values are 100% tested.
Gen. Note: Exceeding “Absolute Maximum Ratings” can damage the device.
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
I
Q
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
QI
T
U
O
I
e
d
u
l
c
x
E
,
A
m
0
=
T
N
O
C
5
2
.
05
6
.
0A
m
I
Y
B
T
S
t
n
e
r
r
u
C
y
b
d
n
a
t
S
V
N
I
,
F
F
O
t
u
p
t
u
O
,
V
8
=
V
T
N
O
C
V
0
=
5
.
00
0
1A
n
I
T
U
O
t
n
e
r
r
u
C
t
u
p
t
u
OV
P
O
R
D
V
5
.
0
=0
70
1
1A
m
I
D
N
G
)
3
e
t
o
N
(
t
n
e
r
r
u
C
d
n
u
o
r
GI
T
U
O
A
m
0
5
=5
.
25
.
4A
m
V
P
O
R
D
e
g
a
t
l
o
V
t
u
o
p
o
r
DI
T
U
O
A
m
0
5
=8
1
.
05
3
.
0V
∆V
D
s
l
e
n
n
a
h
C
n
e
e
w
t
e
B
e
c
n
a
l
a
BV
P
O
R
D
I
,
e
c
n
e
r
e
f
f
i
d
T
U
O
A
m
0
5
=1
5
2V
m
I
V
E
R
t
n
e
r
r
u
C
s
a
i
B
e
s
r
e
v
e
RV
N
I
V
,
V
0
=
V
E
R
V
,
V
8
=
T
N
O
C
V
0
=3
.
00
5A
n
L
A
N
I
M
R
E
T
L
O
R
T
N
O
C
F
F
O
/
N
O
I
T
N
O
C
t
n
e
r
r
u
C
l
a
n
i
m
r
e
T
l
o
r
t
n
o
CV
T
N
O
C
V
6
.
1
=7
5
1A
µ
V
)
N
O
(
T
N
O
C
)
N
O
(
e
g
a
t
l
o
V
l
o
r
t
n
o
C)
4
e
t
o
N
(
N
O
t
u
p
t
u
O2
.
1V
V
)
F
F
O
(
T
N
O
C
)
F
F
O
(
e
g
a
t
l
o
V
l
o
r
t
n
o
C)
2
e
t
o
N
(
F
F
O
t
u
p
t
u
O3
.
0V


Similar Part No. - TK70003

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK70001 TOKO-TK70001 Datasheet
62Kb / 8P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70001M TOKO-TK70001M Datasheet
62Kb / 8P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70001MCB TOKO-TK70001MCB Datasheet
62Kb / 8P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70001MCB/01S TOKO-TK70001MCB/01S Datasheet
62Kb / 8P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70002 TOKO-TK70002 Datasheet
56Kb / 7P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
More results

Similar Description - TK70003

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK70001 TOKO-TK70001 Datasheet
62Kb / 8P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70002 TOKO-TK70002 Datasheet
56Kb / 7P
   SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
logo
Sensortechnics GmbH
BSWM070DV-PCB SENSORTECHNICS-BSWM070DV-PCB Datasheet
194Kb / 4P
   Solid state pressure switch with analog output
logo
Shenzhen Huazhimei Semi...
HM254 HMSEMI-HM254 Datasheet
1Mb / 10P
   Solid state switch
logo
List of Unclassifed Man...
SS466A ETC-SS466A Datasheet
85Kb / 1P
   SOLID STATE SWITCH
VX80 ETC2-VX80 Datasheet
348Kb / 8P
   SWITCH - SOLID STATE
SS443A ETC-SS443A Datasheet
88Kb / 1P
   SOLID STATE SWITCH
logo
PHOENIX CONTACT
ELR1-230AC PHOENIX-ELR1-230AC Datasheet
112Kb / 4P
   Single-phase solid-state contactor, input voltage: 230 V AC, output current: 20 A, zero voltage switch
ELR1-24DC PHOENIX-ELR1-24DC Datasheet
112Kb / 4P
   Single-phase solid-state contactor, input voltage: 24 V DC, output current: 20 A, zero voltage switch
logo
Micropac Industries
53507 MICROPAC-53507 Datasheet
180Kb / 9P
   SELECTABLE OUTPUT SOLID STATE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com