Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

240-384WP10-35S Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 240-384WP10-35S
Description  Filter Connector Wall Mount Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-384WP10-35S Datasheet(HTML) 1 Page - Glenair, Inc.

  240-384WP10-35S Datasheet HTML 1Page - Glenair, Inc. 240-384WP10-35S Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
B-42
B
240-384W
MIL-DTL-38999 Series IV Filter Connector
Wall Mount Receptacle
W - Wall Mount
Capacitance
(See Table II)
Filter Type
(See Table IV)
Insert Arrangement
IAW MIL-STD-1560
Filter Connector
Product Code
MIL-DTL-38999 Series IV
Termination
P - PC Tail
S - Solder Cup
Connector Class
(See Table III)
Shell Style
W - Wall Mount
Contact Gender
P - Pin
S - Socket
240 - 384 W M 10-35 P S P C N N
C
A
B
C
D
E
F
G
H
K
J
A Sq.
4x B BSC
Master Key
4x Chamfered
or Rounded
1.50
Max
4 x D Holes
1.019
.956
.175 Max
Panel Thickness
.098 Max
.025 Typ
PC Tail
Solder Cup
.125 Min
.035
.007
Alternate Key Position
Per MIL-DTL-38999
A, B, C, D, K, L, M, R, U
N = Normal
Flange Mounting Style
N - Not Applicable/Mfgs. Option
H - Round Holes, Chamfered
C - Clinch Nuts (4-40 UNC)
M - Metric Clinch Nuts (M3)


Similar Part No. - 240-384WP10-35S

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-384W GLENAIR-240-384W Datasheet
109Kb / 2P
   Wall Mount Receptacle
More results

Similar Description - 240-384WP10-35S

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-383WM15-35P GLENAIR-240-383WM15-35P Datasheet
411Kb / 2P
   Filter Connector Wall Mount Receptacle
240-837-WP14-12P GLENAIR-240-837-WP14-12P Datasheet
345Kb / 2P
   Filter Receptacle Wall Mount Receptacle
180-040 GLENAIR-180-040 Datasheet
259Kb / 3P
   Wall Mount Receptacle Connector
247-039PA GLENAIR-247-039PA Datasheet
275Kb / 2P
   Filtered Wall Mount Receptacle Connector
257-606 GLENAIR-257-606 Datasheet
691Kb / 6P
   Wall Mount Quadrax Receptacle Connector
240-515-WM36-4PS GLENAIR-240-515-WM36-4PS Datasheet
563Kb / 2P
   Wall Mount Filtered Receptacle Connector
240-ITS-WM20-3PS GLENAIR-240-ITS-WM20-3PS Datasheet
480Kb / 2P
   Wall Mount Filtered Receptacle Connector
233-105-00XM09 GLENAIR-233-105-00XM09 Datasheet
369Kb / 2P
   Wall Mount Environmental Receptacle Connector
233-105-00 GLENAIR-233-105-00 Datasheet
244Kb / 3P
   Wall Mount Environmental Receptacle Connector
240-382W GLENAIR-240-382W Datasheet
89Kb / 2P
   Wall Mount Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com