Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

240-030-2-31S Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 240-030-2-31S
Description  Micro-D Filter Connectors Solder Cup
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-030-2-31S Datasheet(HTML) 1 Page - Glenair, Inc.

  240-030-2-31S Datasheet HTML 1Page - Glenair, Inc. 240-030-2-31S Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
F-5
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Micro-D Filter Connectors
Solder Cup
HOW TO ORDER FILTER MICRO-D CONNECTORS WITH SOLDER CUPS
Series
Shell Finish
Number of
Contacts
Contact Type
Filter Type
Filter Class
Hardware
240-030
Aluminum Shell
1 Cadmium
2 Nickel
4 BlackAnodize
5 Gold
6 Chem Film
Stainless Steel Shell
3 Passivated
9
15
21
25
31
37
Solder Cup Contacts for #24
AWG or Smaller Wire
P Pin
S Socket
C C Filter
P Pi Filter
A
B
C
D
E
F
G
See “Filter Classes”
on Following Page
B
P
M
M1
S
S1
L
K
F
R
Sample Part Number
240-030
– 2
– 25
P
P
B
B
MICRO-D MOUNTING HARDWARE
B
P
M
M1
S
S1
L
KFR
Thru-Hole
Order
Hardware
Separately
Jackpost
Removable
Includes Nut
and Washer
Jackscrew
Hex Head
Removable
E-ring
Jackscrew
Hex Head
Removable
E-ring
Extended
Jackscrew
Slot Head
Removable
E-ring
Jackscrew
Slot Head
Removable
E-ring
Extended
Jackscrew
Hex Head
Non-
Removable
Jackscrew
Slot Head
Non-
Removable
Extended
Float Mount
For Front
Panel
Mounting
Float Mount
For Rear
Panel
Mounting
Glenair’s Filtered Solder Cup Micro-D's provide EMI
solutions in a miniaturized M83513 type connector. These
connectors feature ceramic capacitor planar arrays and
ferrite inductors. Solder cups accept #26 thru #30 AWG
wire, or specify oversize contacts for #24 gage wire.
Choose Pi or C Filter Arrays in seven filter classes and
six layouts. Glenair filtered Micro-D connectors comply
with applicable MIL-DTL-83513 requirements and are
100% intermateable with standard connectors.
Choose 9 to 37 Contacts, with standard cadmium or
nickel plating on the connector housing or choose
optional finishes such as gold or chem film.


Similar Part No. - 240-030-2-31S

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-030-2-31SC GLENAIR-240-030-2-31SC Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-030-2-31SP GLENAIR-240-030-2-31SP Datasheet
475Kb / 2P
   Micro-D Filter Connectors
More results

Similar Description - 240-030-2-31S

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM1L-100N-S GLENAIR-MWDM1L-100N-S Datasheet
159Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
MWDM1L-9P-S GLENAIR-MWDM1L-9P-S Datasheet
169Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
logo
Wurth Elektronik GmbH &...
212613003 WURTH-212613003 Datasheet
303Kb / 5P
   WE-D-SUB Filter Solder Cup
001.001
216113023 WURTH-216113023 Datasheet
308Kb / 5P
   WE-D-SUB-Filter Solder Cup
001.001
216613023 WURTH-216613023 Datasheet
323Kb / 5P
   WE-D-SUB-Filter Solder Cup
001.001
212113023 WURTH-212113023 Datasheet
295Kb / 5P
   WE-D-SUB-Filter Solder Cup
001.001
214613023 WURTH-214613023 Datasheet
314Kb / 5P
   WE-D-SUB Filter Solder Cup
001.001
214113003 WURTH-214113003 Datasheet
301Kb / 5P
   WE-D-SUB Filter Solder Cup
001.001
210113023 WURTH-210113023 Datasheet
291Kb / 5P
   WE-D-SUB Filter Solder Cup
001.001
216613003 WURTH-216613003 Datasheet
322Kb / 5P
   WE-D-SUB Filter Solder Cup
001.001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com