Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OIS-170740-X-T Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # OIS-170740-X-T
Description  Series 170 - 0805 Standard IR high intensity 660-850 nm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OIS-170740-X-T Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  OIS-170740-X-T Datasheet HTML 1Page - OSA Opto Light GmbH OIS-170740-X-T Datasheet HTML 2Page - OSA Opto Light GmbH OIS-170740-X-T Datasheet HTML 3Page - OSA Opto Light GmbH OIS-170740-X-T Datasheet HTML 4Page - OSA Opto Light GmbH OIS-170740-X-T Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2005
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
preliminary
Features
- size 0805: 1,9(L) x 1,2(W) x 1,2(H) mm
- circuit substrate: glass laminated epoxy
- devices are ROHS conform
- lead free solderable, soldering pads: gold plated
- taped in 8 mm blister tape, cathode to transporting
perforation
- all devices sorted into luminous intensity classes
- high radiation intensity types
IF, max[mA]
IF,P [mA]
tp ≤
100 µs τ=1: 10
VR [V]
IR, max [µA]
Thermal resistance
R thJA [K / W]
TOp [°C]
TSt °[C]
30
150
5
100
500
-40...85
-55...85
-40
-20
0
20
40
60
80
0
10
20
30
T
op[°C]
Maximal
forward
current (DC)
characteristic
Type
Marking
Measurement Switching time (rise & fall)
VF[V]
λp
Ie[mW/sr]
at
IF [mA]
typ [ns]
max [ns]
typ
max
[nm]
min
typ
OIS-170 660
OIS-170 670
OIS-170 690
OIS-170 700
OIS-170 724
OIS-170 740
OIS-170 770
OIS-170 810
OIS-170 850
cathode
cathode
cathode
cathode
cathode
cathode
cathode
cathode
cathode
30
30
30
30
30
30
30
30
30
40
40
40
40
40
40
40
35
35
160
160
160
160
160
160
160
160
160
1,9
1,9
1,9
1,9
1,8
1,7
1,7
1,6
1,6
2,2
2,2
2,2
2,2
2,2
2,0
2,0
2,0
2,0
660 ±8
670 ±8
690 ±8
700 ±8
724 ±8
740 ±8
770 ±8
810 ±8
850 ±8
0.5
0.5
0.5
0.5
0.9
0.9
0.9
1.0
1.0
1.0
1.0
1.1
1.1
1.8
1.7
1.7
2.0
2.0
OSA Opto Light GmbH
Köpenicker Str. 325 / Haus 201
12555 Berlin - Germany
Tel. +49 (0)30 65 76 26 83
Fax: +49 (0)30 65 76 26 81
E-Mail: contact@osa-opto.com
Series 170 - 0805 Standard
IR high intensity 660-850 nm
Absolute Maximum Ratings
Electro-Optical Characteristics


Similar Part No. - OIS-170740-X-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OIS-170-1020P OSA-OIS-170-1020P Datasheet
229Kb / 7P
   devices are ROHS and REACH conform
OIS-170-1050P OSA-OIS-170-1050P Datasheet
224Kb / 7P
   devices are ROHS and REACH conform
OIS-170-675 OSA-OIS-170-675 Datasheet
224Kb / 7P
   Size 0805 - Infrared
OIS-170-775 OSA-OIS-170-775 Datasheet
225Kb / 7P
   devices are ROHS and REACH conform
OIS-170-875P OSA-OIS-170-875P Datasheet
229Kb / 7P
   circuit substrate: glass laminated epoxy
More results

Similar Description - OIS-170740-X-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OIS-150660 OSA-OIS-150660 Datasheet
115Kb / 5P
   Series 150 - 1206 Standard IR high intensity 660-850 nm
OIS-170880 OSA-OIS-170880 Datasheet
123Kb / 5P
   Series 170 - 0805 Standard IR high intensity 880 nm
OIS-170885 OSA-OIS-170885 Datasheet
114Kb / 5P
   Series 170 - 0805 Standard IR high intensity 885-950 nm
OIS-250660 OSA-OIS-250660 Datasheet
116Kb / 5P
   Series 250 - 1206 lower height IR high intensity 660-850 nm
OIS-330660 OSA-OIS-330660 Datasheet
123Kb / 5P
   Series 330 - 1206 with Lens IR high intensity 660-850 nm
OLS-170HY OSA-OLS-170HY Datasheet
125Kb / 5P
   Series 170 - 0805 Standard High luminous intensity
OLS-170HYG OSA-OLS-170HYG Datasheet
120Kb / 5P
   Series 170 - 0805 Standard green 572 nm
OLS-170UR OSA-OLS-170UR Datasheet
121Kb / 5P
   Series 170 - 0805 Standard red 650 nm
OIS-180880 OSA-OIS-180880 Datasheet
123Kb / 5P
   Series 180 - 0805 lower height IR high intensity 880 nm
OIS-150880 OSA-OIS-150880 Datasheet
125Kb / 5P
   Series 150 - 1206 Standard IR high intensity 880 nm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com