Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDH35P250RJE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # TDH35P250RJE
Description  35 Watt DPAK Package Thick Film Power Surface Mount
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TDH35P250RJE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  TDH35P250RJE Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
58
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
St andard p ar t number S for td H Serie S
TDH Series
35 Watt DPAK Package
Thick Film Power Surface Mount
Fe A T ure S
• 35 Watt power rating at 25°C
• SMD - DPAK package configura-
tion
• Heat resistance to cooling plate:
Rth <4.28°C/W
• A molded case for environmental
protection.
• Resistor element is electrically
insulated from the metal sink tab.
S P eci F ic A T ion S
Material
Terminal: Copper
Terminal Plating: Lead Free
Solder (97% Tin, 3% Silver)
Electrical
Resistance Range: 0.05
Ω to
10K
Ω other values on request
Tolerance: ±1% to ±10%
(0.5% on request)
Max. Operating Voltage: 350V
Insulation Resistance: 10G
Ω
min.
Power Rating: Depends upon
case temperature. See derating
curve.
10.1mm
0.9mm
5.08mm
1.1mm
±0.5
45
°
4.5mm
1.5mm
±0.5
0.5mm
1.5mm
±0.5
0.5mm
8.6mm
0.5mm
4.8mm
1.4mm
7.87mm
8.51mm
2.63mm
3.81mm
2.54mm
1.65mm
Land
Pattern
ordering informa tion
D er A T in G
Working Temperature Range:
-55°C to +175°C
Solder Process: The TDH35P
cannot exceed 220°C (260°C
for the TDH35H) for more than
10 seconds during soldering
process.
Derating: 100% @ 25°C to 0% @
150°C curve referenced to case
temperature
Dielectric Strength: 1,800VAC
Operating Temperature Range:
-55°C to +150°C
Temperature Coefficient: 10
Ω
and above, ±50ppm/°C, ref-
erenced to 25°C,
∆R taken at
+105°C. Between 1 and 10
Ω,
±(100ppm+0.002
Ω)/°C, refer-
enced to 25°C,
∆R taken at
+105°C. For under 10
Ω:
0R6 - 9R9 ..... 100PPM
0R4 - 0R59 ... 150PPM
0R2 - 0R39 ... 250PPM
0R1 - 0R19 ... 500PPM
0R05 - 0R09 = 1000PPM
Inductance: less than 20 nano-
henries
Flatness: less than 0.1mm toler-
ance
100
Case Temperature,
°C
60
20
0
0
50
100
25
75
125
80
40
150
175
35
21
7
0
28
14
te S t da t a
Load Life
(MIL–R–39009, 2,000 hours
∆R ±(1.0% +0.01Ω)
Moisture Resistance (MIL–Std–202, Method 106)
∆R =(0.5% +0.01Ω)
max.
Short Time Overload (2 times rated power with applied
∆R ±(0.3% + 0.01Ω)
voltage not to exceed 1.5 times
max.
maximum continuous operating
voltage for 5 seconds)
Thermal Shock
(MIL–Std–202, Method 107,
∆R =(0.3% + 0.01Ω)
Cond. F)
max.
Terminal Strength
(MIL–Std–202, Method 211,
∆R =(0.2% + 0.01Ω)
Cond. A (Pull Test) 2.4N)
max.
Vibration,
(MIL-STD-202, method 211,
∆R =(0.2% + 0.01Ω)
High Frequency
cond. A (pull test) 2.4N)
max.
DPAK style power package for surface
mounting applications; 35W power
rating at 25°C case temperature.
Derating (thermal
resistance): 0.23W/°C
(4.28°C/W). The case
temperature is to be
used for purposes of
establishing the applied
power limit. The case
temperature measure-
ment must be made with
a thermocouple contact-
ing the center of the
component mounted on
the designed heat sink.
Thermal grease should
be applied propperly.
TDH35PR100JE -TR
Style
Ohms
R = Decimal
Example:
R100 = 0.10
1R00= 1.0
10K0= 10,000
Tolerance
F = 1%
J = 5%
K = 10%
RoHS Compliant
Non-compliant
version unavailable
Tape and reel
(optional)
750 per reel
Package
Modifier
P = low temp.
H = high temp.
Part Number
Ohms
5% Tolerance
0.10
TDH35PR100JE
0.15
TDH35PR150JE
0.20
TDH35PR200JE
0.25
TDH35PR250JE
0.30
TDH35PR300JE
0.36
TDH35PR360JE
0.47
TDH35PR470JE
0.50
TDH35PR500JE
0.75
TDH35PR750JE
1.0
TDH35P1R00JE
2.0
TDH35P2R00JE
3.0
TDH35P3R00JE
5.0
TDH35P5R00JE
7.5
TDH35P7R50JE
10
TDH35P10R0JE
15
TDH35P15R0JE
20
TDH35P20R0JE
Part Number
Ohms
5% Tolerance
25
TDH35P25R0JE
33
TDH35P33R0JE
39
TDH35P39R0JE
47
TDH35P47R0JE
68
TDH35P68R0JE
75
TDH35P75R0JE
100
TDH35P100RJE
150
TDH35P150RJE
200
TDH35P200RJE
250
TDH35P250RJE
300
TDH35P300RJE
500
TDH35P500RJE
750
TDH35P750RJE
1000
TDH35P1K00JE
1500
TDH35P1K50JE
2500
TDH35P2K50JE
3000
TDH35P3K00JE
5000
TDH35P5K00JE
10.6mm
15.8mm
16mm
4.95mm
24mm
T AP e Di M en S ion S
750 pc./reel
Ohmite’s TDH resistor is an economical solution to intermediate
power application design requirements. TDH’s reliable thick film
on alumina substrate construction can be easily heat sinked for
higher power performance. TDH resistors are ideal for pulse-
loading, pre-charge, bleeder, and snubber applications.
pul S e-form
Time, ms.
0.001
0.01
0.1
1
10
100
1,000
100,000
1
10
100
10,000
0.1
1,000
10,000
100,000
0.01
TAH20
TCH35
TDH35
E-function, time between two pulses: 1 sec.
Check product availability at
www.ohmite.com
Soldering note: During surface mount soldering the
soldering temperature profile must not cause the
metal tab of this device to exceed 220°C (260°C for
the TDH35H)!


Similar Part No. - TDH35P250RJE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TDH35P250RJE OHMITE-TDH35P250RJE Datasheet
357Kb / 2P
   SMD - DPAK package configu-ration
More results

Similar Description - TDH35P250RJE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TCH35P100RJE OHMITE-TCH35P100RJE Datasheet
157Kb / 1P
   35 Watt TO220 Package Thick Film Power
TFH85P2R00JE OHMITE-TFH85P2R00JE Datasheet
98Kb / 1P
   85 Watt TO264 Package Thick Film Power
TAH20P100RJE OHMITE-TAH20P100RJE Datasheet
110Kb / 1P
   20 Watt TO220 Package Thick Film Power
TEH70P2R00JE OHMITE-TEH70P2R00JE Datasheet
98Kb / 1P
   70 Watt TO247 Package Thick Film Power
TBH25PR030JE OHMITE-TBH25PR030JE Datasheet
151Kb / 1P
   25 Watt TO220 Package Thick Film Power
logo
Motorola, Inc
MBRD620CT MOTOROLA-MBRD620CT Datasheet
96Kb / 4P
   SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
MBRD835L MOTOROLA-MBRD835L Datasheet
127Kb / 4P
   SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
logo
ON Semiconductor
MURD530 ONSEMI-MURD530 Datasheet
107Kb / 5P
   SWITCHMODE Power Rectifier DPAK Surface Mount Package
November, 2008 ??Rev. 1
logo
Motorola, Inc
MBRD320 MOTOROLA-MBRD320 Datasheet
93Kb / 4P
   SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
logo
ON Semiconductor
SURD8320T4G ONSEMI-SURD8320T4G Datasheet
136Kb / 4P
   SWITCHMODE Power Rectifier DPAK Surface Mount Package
January, 2012 ??Rev. 7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com