Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

230-019FT126P Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 230-019FT126P
Description  Hermetic Receptacle, Single Hole Jam-Nut Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

230-019FT126P Datasheet(HTML) 2 Page - Glenair, Inc.

  230-019FT126P Datasheet HTML 1Page - Glenair, Inc. 230-019FT126P Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2004 Glenair, Inc.
E-Mail: sales@glenair.com
E-11
230-019
HERMETIC RECEPTACLE,
SINGLE HOLE JAM-NUT MOUNT,
MIL-C-26482 SRS 2, MS3449 TYPE
F
MOUNTING
FLANGE
LOCATION
.707/.691 (18.0/17.6)
.707/.691 (18.0/17.6)
.707/.691 (18.0/17.6)
.707/.691 (18.0/17.6)
.707/.691 (18.0/17.6)
.707/.691 (18.0/17.6)
.772/.754 (19.6/19.2)
.772/.754 (19.6/19.2)
.803/.785 (20.4/19.9)
D ø
MIN
.403 (10.2)
.515 (13.1)
.630 (16.0)
.755 (19.2)
.880 (22.4)
.980 (24.9)
1.105 (28.1)
1.230 (31.2)
1.385 (35.2)
J
TO
THREAD
CHAMFER
±.010 (0.3)
.368 (9.3)
.368 (9.3)
.368 (9.3)
.368 (9.3)
.368 (9.3)
.368 (9.3)
.368 (9.3)
.368 (9.3)
.395 (10.0)
G
MOUNTING
FLANGE
THICKNESS
.113/.097 (2.9/2.5)
.113/.097 (2.9/2.5)
.113/.097 (2.9/2.5)
.113/.097 (2.9/2.5)
.113/.097 (2.9/2.5)
.113/.097 (2.9/2.5)
.148/.128 (3.8/3.3)
.148/.128 (3.8/3.3)
.148/.128 (3.8/3.3)
E
PANEL FLAT
LOCATION
.536 (13.6)
.661 (16.8)
.824 (20.9)
.948 (24.1)
1.072 (27.2)
1.197 (30.4)
1.322 (33.6)
1.447 (36.8)
1.572 (39.9)
C
+.000 -.010
MTG.
FLAT
.530 (13.5)
.655 (16.6)
.818 (20.8)
.942 (23.9)
1.062 (27.0)
1.191 (30.3)
1.316 (33.4)
1.441 (36.6)
1.566 (39.8)
A
LENGTH
+.000 -.031
.954 (24.2)
1.078 (27.4)
1.266 (32.2)
1.391 (35.3)
1.516 (38.5)
1.641 (41.7)
1.828 (46.4)
1.954 (49.6)
2.078 (52.8)
B ø
+.000 -.031
ACROSS
FLANGE
CORNER
1.078 (27.4)
1.203 (30.6)
1.391 (35.3)
1.516 (38.5)
1.641 (41.7)
1.766 (44.9)
1.954 (49.6)
2.078 (52.8)
2.203 (56.0)
SHELL
SIZE
8
10
12
14
16
18
20
22
24
(+0 - 0.8)
(+0 - 0.8)
(+0 - 0.3)
TABLE I: CONNECTOR DIMNESIONS
SHELL
SIZE
8
10
12
14
16
18
20
22
24
MAX.
WEIGHT
(LBS)
.0430 (1.1)
.0610 (1.5)
.0880 (2.2)
.1100 (2.8)
.1310 (3.3)
.1720 (4.4)
.2110 (5.4)
.2420 (6.1)
.2930 (7.4)
V
.204/.144 (5.2/3.7)
.204/.144 (5.2/3.7)
.204/.144 (5.2/3.7)
.204/.144 (5.2/3.7)
.204/.144 (5.2/3.7)
.204/.144 (5.2/3.7)
.169/.109 (4.3/2.8)
.169/.109 (4.3/2.8)
.169/.109 (4.3/2.8)
P
.134/.074 (3.4/1.9)
.134/.074 (3.4/1.9)
.134/.074 (3.4/1.9)
.134/.074 (3.4/1.9)
.134/.074 (3.4/1.9)
.134/.074 (3.4/1.9)
.099/.039 (2.5/1.0)
.099/.039 (2.5/1.0)
.099/.039 (2.5/1.0)
N
UNEF-2A
MOUNTING
THREAD
.5625-24
.6875-24
.875-20
1.000-20
1.125-18
1.250-18
1.375-18
1.500-18
1.625-18
L
OVERALL
LENGTH
.820 (20.8)
.920 (23.4)
.951 (24.2)
K
+.010 -.005
PANEL
MOUNTING
HOLE
.572 (14.5)
.697 (17.7)
.885 (22.5)
1.010 (25.7)
1.135 (28.8)
1.260 (32.0)
1.385 (35.2)
1.510 (38.4)
1.635 (41.5)
R
O-RING
SEAL
MS29513-
16
18
21
23
25
27
29
30
31
S
PANEL
THICKNESS
MIN
MAX
.187 (4.7)
.062 (1.6)
.250 (6.4)
(+0.3 - 0.1)
TABLE I (CONTINUED): CONNECTOR DIMENSIONS
3. PERFORMANCE:
HERMETICITY: <1 X 10^-7 SCCHE/SEC @ 1 ATMOSPHERE DIFFERENTIAL
DIELECTRIC WITHSTANDING VOLTAGE: CONSULT FACTORY OR MIL-STD-1669
INSULATION RESISTANCE: 5000 MEGOHMS MIN @ 500VDC
1. MATERIAL/FINISH:
SHELL - C1215 CRS / TIN PLATED
CONTACTS - 52 NICKEL ALLOY / TIN PLATED
BAYONETS: STAINLESS STEEL / PASSIVATED
SEALS: SILICONE ELASTOMER
INSULATION: GLASS, NOIBN
2 ASSEMBLY TO BE IDENTIFIED WITH GLENAIR'S NAME, PART
NUMBER AND DATE CODE SPACE PERMITTING.
_
4. GLENAIR 230-019 WILL MATE WITH ANY QPL MIL-C-26482
SERIES 2 BAYONET COUPLING PLUG OF SAME SIZE
AND INSERT POLARIZATION
5 CONSULT FACTORY AND / OR MIL-STD-1669 FOR
ARRANGEMENT AND INSERT POSITION OPTIONS
NOTES:
230-019
Hermetic Receptacle, single Hole Jam-Nut Mount
MIL-C-26482 series II, Ms3449 Type


Similar Part No. - 230-019FT126P

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-019FT12-6PW GLENAIR-230-019FT12-6PW Datasheet
426Kb / 2P
   Quick Release Bayonet Receptacle
230-019FT12-6PX GLENAIR-230-019FT12-6PX Datasheet
426Kb / 2P
   Quick Release Bayonet Receptacle
230-019FT12-6PY GLENAIR-230-019FT12-6PY Datasheet
426Kb / 2P
   Quick Release Bayonet Receptacle
230-019FT12-6XW GLENAIR-230-019FT12-6XW Datasheet
426Kb / 2P
   Quick Release Bayonet Receptacle
230-019FT12-6XX GLENAIR-230-019FT12-6XX Datasheet
426Kb / 2P
   Quick Release Bayonet Receptacle
More results

Similar Description - 230-019FT126P

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-015Z1-106P GLENAIR-230-015Z1-106P Datasheet
305Kb / 2P
   Hermetic Receptacle, Jam Nut Mount
233-100-H7 GLENAIR-233-100-H7 Datasheet
149Kb / 1P
   Jam Nut Mount Hermetic Receptacle
MS27477 GLENAIR-MS27477 Datasheet
188Kb / 1P
   Jam Nut Mount Hermetic Receptacle
257-255 GLENAIR-257-255_15 Datasheet
288Kb / 2P
   Jam Nut Mount Hermetic Receptacle
D38999-23 GLENAIR-D38999-23 Datasheet
203Kb / 1P
   Jam Nut Mount Hermetic Receptacle
257-255 GLENAIR-257-255 Datasheet
397Kb / 2P
   Jam Nut Mount Hermetic Receptacle
MS27477Y8D GLENAIR-MS27477Y8D Datasheet
446Kb / 2P
   Jam Nut Mount Hermetic Receptacle
D38999-43 GLENAIR-D38999-43 Datasheet
213Kb / 1P
   Jam Nut Mount Hermetic Receptacle
MS27470 GLENAIR-MS27470 Datasheet
192Kb / 1P
   Jam Nut Mount Hermetic Receptacle
231-100-H7 GLENAIR-231-100-H7 Datasheet
252Kb / 1P
   Jam Nut Mount Hermetic Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com