Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCTOP0J475M8R Datasheet(PDF) 1 Page - Rohm

Part # TCTOP0J475M8R
Description  Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCTOP0J475M8R Datasheet(HTML) 1 Page - Rohm

  TCTOP0J475M8R Datasheet HTML 1Page - Rohm TCTOP0J475M8R Datasheet HTML 2Page - Rohm TCTOP0J475M8R Datasheet HTML 3Page - Rohm TCTOP0J475M8R Datasheet HTML 4Page - Rohm TCTOP0J475M8R Datasheet HTML 5Page - Rohm TCTOP0J475M8R Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/5
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.A
Conductive polymer chip tantalum capacitors
( Bottom surface electrode type )
TCTO Series P Case
Features (P)
Dimensions (Unit : mm)
1) Conductive polymer used for the cathode material.
2) Ultra low ESR
3) Small package, but big capacitance
4) Screening by thermal shock
Part No. Explanation
Rated voltage
Capacitance tolerance
Nominal capacitance in pF in 3 digits:
2 significant figures followed by the figure
representing the number of 0's.
8 : Tape width
R : Positive electrode on the side opposite to sprocket hole
6
1
1 Series name
TCTO
2 Case style
3
4 Nominal capacitance
5
Taping
20%
M :
+−
4
CODE
6.3
0J
10
1A
Rated voltage (V)
0G
2.5
0E
P
M
0
G
8
R
T
O
3
3
6
C
T
P
2
3
6
4
1
5
∗ This specification has possibility of charge, due to underdevelopment product.
Please ask for latest specification to our sales.
Dimensions
Anode mark
(Unit : mm)
L
H
S
W2
W1
2.0 0.2
+−
1.25 0.2
+−
0.85 0.2
+−
1.2MAX.
0.5 0.2
+−
P case
L
W 1
H
W 2
SS


Similar Part No. - TCTOP0J475M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCTOAL0E105M8R ROHM-TCTOAL0E105M8R Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTOAL0E106M8R ROHM-TCTOAL0E106M8R Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTOAL0E107M8R ROHM-TCTOAL0E107M8R Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTOAL0E156M8R ROHM-TCTOAL0E156M8R Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTOAL0E157M8R ROHM-TCTOAL0E157M8R Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
More results

Similar Description - TCTOP0J475M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCTO_M ROHM-TCTO_M Datasheet
173Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTO_AL ROHM-TCTO_AL Datasheet
172Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTO_P ROHM-TCTO_P_12 Datasheet
185Kb / 6P
   Conductive polymer chip tantalum capacitors( Bottom surface electrode type : Large capacitance)
TCTO_AL ROHM-TCTO_AL_12 Datasheet
169Kb / 6P
   Conductive polymer chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCTO_M ROHM-TCTO_M_12 Datasheet
190Kb / 6P
   Conductive polymer chip capacitors(Bottom surface electrode type : Large capacitance)
TCT_AS ROHM-TCT_AS Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M_0911 ROHM-TC_M_0911 Datasheet
170Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_PL ROHM-TCT_PL Datasheet
176Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M ROHM-TC_M Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U Datasheet
154Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com