Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCFGP1C476M8R Datasheet(PDF) 4 Page - Rohm

Part # TCFGP1C476M8R
Description  Chip tantalum capacitors with open-function built-in
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGP1C476M8R Datasheet(HTML) 4 Page - Rohm

  TCFGP1C476M8R Datasheet HTML 1Page - Rohm TCFGP1C476M8R Datasheet HTML 2Page - Rohm TCFGP1C476M8R Datasheet HTML 3Page - Rohm TCFGP1C476M8R Datasheet HTML 4Page - Rohm TCFGP1C476M8R Datasheet HTML 5Page - Rohm TCFGP1C476M8R Datasheet HTML 6Page - Rohm TCFGP1C476M8R Datasheet HTML 7Page - Rohm TCFGP1C476M8R Datasheet HTML 8Page - Rohm TCFGP1C476M8R Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TCFG series P Case
Tantalum capacitors
Rev.A
4/13
Temperature
Stability
Shall be satisfied the voltage on "Standard list"
5
μA or 0.1CV whichever is greater
6.3
μA or 0.125CV whichever is greater
+125°C
Apply the specified surge voltage every 5
±0.5min.
for 30
±5 s. each time in the atmospheric condition
of 85
±2°C.
Repeat this procedure 1,000 times.
Surge
Voltage
There should be no significant abnormality.
Shall be satisfied the voltage on "Standard list"
Within 0/
−15%of initial value
−55°C
+85°C
Shall be satisfied the voltage on "Standard list"
Within
+15/0%of initial value
Within
+20/0%of initial value
Within
±10%of initial value
Shall be satisfied the voltage on "Standard list"
Loading at
High
temperature
There should be no significant abnormality.
After applying the rated voltage for 1000+36/0h
without discontinuation via the serial resistance
of 3
Ω or less at a temperature of 85±2°C, leave
the sample at room temperature/humidity for
1 to 2h and measure the value.
Within
±10%of initial value
Less than initial limit
Terminal
Strength
The measured value should be stable.
A force is applied to the terminal until it bends
to 1mm and by a prescribed tool maintain the
condition for 5s. (See the figure below.)
Temp.
ΔC / C
L.C
Temp.
ΔC / C
tan
δ
L.C
ΔC / C
L.C
Temp.
Appearance
ΔC / C
tan
δ
L.C
tan
δ
tan
δ
Appearance
ΔC / C
L.C
tan
δ
Capacitance
Appearance There should be no significant abnormality.
1
F (Apply force)
(Unit : mm)
20
50
R230
45
45
Thickness 1.6mm
Adhesiveness
The terminal should not come off.
Apply force of 5N in the two directions shown
in the figure below for 10
±1s after mounting
the terminal on a circuit board.
Apply force
a circuit board
product
As per 4.29 JIS C 5101-1
As per 4.13 JIS C 5101-3
As per 4.26 JIS C 5101-1
As per 4.14 JIS C 5101-3
As per 4.23 JIS C 5101-1
As per 4.15 JIS C 5101-3
As per 4.35 JIS C 5101-1
As per 4.9 JIS C 5101-3
As per 4.34 JIS C 5101-1
As per 4.8 JIS C 5101-3
Item
Performance
Test conditions
(based on JIS C5101-1 and JIS C5101-3)
Less than 150% of initial limit
Less than 150% of initial limit


Similar Part No. - TCFGP1C476M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGP1C105K ROHM-TCFGP1C105K Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFGP1C105M ROHM-TCFGP1C105M Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFGP1C105M8R ROHM-TCFGP1C105M8R Datasheet
154Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGP1C105M8R ROHM-TCFGP1C105M8R Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGP1C106K8R ROHM-TCFGP1C106K8R Datasheet
119Kb / 15P
   Chip tantalum capacitors with open-function built-in
More results

Similar Description - TCFGP1C476M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG ROHM-TCFG Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFG ROHM-TCFG Datasheet
119Kb / 15P
   Chip tantalum capacitors with open-function built-in
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_10 Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C Datasheet
135Kb / 12P
   Chip tantalum capacitors with (Fail-safe open structure type)
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
logo
Toshiba Semiconductor
TA8523F TOSHIBA-TA8523F Datasheet
193Kb / 4P
   built-in enable function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com