Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCFGP1A476M8R Datasheet(PDF) 13 Page - Rohm

Part # TCFGP1A476M8R
Description  Chip tantalum capacitors with open-function built-in
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGP1A476M8R Datasheet(HTML) 13 Page - Rohm

Back Button TCFGP1A476M8R Datasheet HTML 6Page - Rohm TCFGP1A476M8R Datasheet HTML 7Page - Rohm TCFGP1A476M8R Datasheet HTML 8Page - Rohm TCFGP1A476M8R Datasheet HTML 9Page - Rohm TCFGP1A476M8R Datasheet HTML 10Page - Rohm TCFGP1A476M8R Datasheet HTML 11Page - Rohm TCFGP1A476M8R Datasheet HTML 12Page - Rohm TCFGP1A476M8R Datasheet HTML 13Page - Rohm TCFGP1A476M8R Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
TCFG series P Case
Tantalum capacitors
Rev.A
13/13
Precautions
1) Do not allow solvent to come to a boil (kinetic energy increases).
Ultrasonic output
0.5W / cm
2 or less
Use a solvent with a high boiling point.
Lower solvent temperature.
2) Ultrasonic cleaning frequency
28 kHz or less
3) Keep cleaning time as short as possible.
4) Move item being cleaned.
Standing waves caused by the ultrasonic waves can cause stress to build up in part of the item being cleaned.
Reference
Kin etic energy = 2
× π × frequency ×
propagation
× speed × solvent density
2
× Ultrasonic output


Similar Part No. - TCFGP1A476M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGP1A475K ROHM-TCFGP1A475K Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFGP1A475M ROHM-TCFGP1A475M Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFGP1A475M8R ROHM-TCFGP1A475M8R Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGP1A475M8R ROHM-TCFGP1A475M8R Datasheet
154Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGP1A476M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG ROHM-TCFG Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFG ROHM-TCFG Datasheet
119Kb / 15P
   Chip tantalum capacitors with open-function built-in
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_10 Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C Datasheet
135Kb / 12P
   Chip tantalum capacitors with (Fail-safe open structure type)
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
logo
Toshiba Semiconductor
TA8523F TOSHIBA-TA8523F Datasheet
193Kb / 4P
   built-in enable function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com