Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCFGP1A476M8R Datasheet(PDF) 10 Page - Rohm

Part # TCFGP1A476M8R
Description  Chip tantalum capacitors with open-function built-in
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGP1A476M8R Datasheet(HTML) 10 Page - Rohm

Back Button TCFGP1A476M8R Datasheet HTML 6Page - Rohm TCFGP1A476M8R Datasheet HTML 7Page - Rohm TCFGP1A476M8R Datasheet HTML 8Page - Rohm TCFGP1A476M8R Datasheet HTML 9Page - Rohm TCFGP1A476M8R Datasheet HTML 10Page - Rohm TCFGP1A476M8R Datasheet HTML 11Page - Rohm TCFGP1A476M8R Datasheet HTML 12Page - Rohm TCFGP1A476M8R Datasheet HTML 13Page - Rohm TCFGP1A476M8R Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TCFG series P Case
Tantalum capacitors
Rev.A
10/13
Malfunction rate as function of operating
Malfunction rate as function of circuit resistance ( /V)
temperature and rated voltage
0.01
0.02
0.03
0.06
0.1
0.2
0.3
0.5
1.0
Ratio =
Rated Voltage
Applied Voltage
1.0
0.7
0.5
0.3
0.1
20
40
60
85
Fig.4
OPERATING TEMPERATURE ( C)
0.4
0.6
0.8
1.0
2.0
4.0
6.0
0.1
0.2
0.6
0.4
3.0
1.0
2.0
RESISTANCE OF CIRCUIT (
Ω / V)
Fig.5
(5) External temperature vs. fuse blowout
(6) Power vs. fuse blowout characteristics / Product
surface temperature
260
270
280
290
300
310
320
330
340
350
360
A case (3216)
P case (2012)
B case (3528)
failed
half failed
no failed
110
100
OPERATING TIME (s)
Fig.6
0
10
20
30
40
50
60
70
80
90
100
024
no operating area
68
10
9
7
5
3
1
ELECTRIC POWER (W)
Fig.7
open-function characteristic
surface temp.
curve of the products
operating area
150
200
250
300
A case (3216)
B case (3528)
P case (2012)
Note: Solder the chip at 300 C or less. If it is soldered using
a temperature higher than 300 C, open function built-in may operate.
(7) Maximum power dissipation
Warming of the capacitor due to ripple voltage balances with warming caused by Joule heating and by radiated heat.
Maximum allowable warming of the capacitor is to 5 C above ambient temperature. When warming exceeds 5 C, it can
damage the dielectric and cause a short circuit.
Power dissipation (P) = I
2 R
Ripple current
P : As shown in table at right
R : Equivalent series resistance
Notes:
1. Please be aware that when case size is changed, maximum allowable power dissipation is reduced.
2. Maximum power dissipation varies depending on the package. Be sure to use a case which will keep warming within
the limits shown in the table below.


Similar Part No. - TCFGP1A476M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGP1A475K ROHM-TCFGP1A475K Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFGP1A475M ROHM-TCFGP1A475M Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFGP1A475M8R ROHM-TCFGP1A475M8R Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGP1A475M8R ROHM-TCFGP1A475M8R Datasheet
154Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGP1A476M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG ROHM-TCFG Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFG ROHM-TCFG Datasheet
119Kb / 15P
   Chip tantalum capacitors with open-function built-in
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_10 Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C Datasheet
135Kb / 12P
   Chip tantalum capacitors with (Fail-safe open structure type)
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
logo
Toshiba Semiconductor
TA8523F TOSHIBA-TA8523F Datasheet
193Kb / 4P
   built-in enable function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com