Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCTCL1A106MCR Datasheet(PDF) 1 Page - Rohm

Part # TCTCL1A106MCR
Description  Chip tantalum capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCTCL1A106MCR Datasheet(HTML) 1 Page - Rohm

  TCTCL1A106MCR Datasheet HTML 1Page - Rohm TCTCL1A106MCR Datasheet HTML 2Page - Rohm TCTCL1A106MCR Datasheet HTML 3Page - Rohm TCTCL1A106MCR Datasheet HTML 4Page - Rohm TCTCL1A106MCR Datasheet HTML 5Page - Rohm TCTCL1A106MCR Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/5
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.01 - Rev.D
Chip tantalum capacitors
TCT Series CL Case
Features (CL)
Dimensions (Unit : mm)
1) Vital for all hybrid integrated circuits
board application.
2) Wide capacitance range.
3) Screening by thermal shock.
Part No. Explanation
C : Tape width (12mm)
Rated voltage
Capacitance tolerance
Nominal capacitance in pF in 3 digits:
2 significant figures followed by the figure
representing the number of 0's.
R : Positive electrode on the side opposite to sprocket hole
6
1
1 Series name
TCT
2 Case style
3
4 Nominal capacitance
5
Taping
20%
M :
+−
TC
CL
M
A
1
C R
T
T
1
5
7
C
C L
2
3
6
4
1
5
4
CODE
6.3
0J
10
1A
16
1C
20 25
1D 1E
Rated voltage (V)
0G
2.5
0E
Rated table
Rated voltage (V)
Remark) Case size codes (CL) in the above show products line-up.
Under development
(
µF)
4
0G
2.5
0E
CL
CL
100 (107)
150 (157)
220(227)
330(337)
470(477)
6.3
0J
10
1A
16
1C
20
1D
35
1V
CL
CL
CL
CL
10 (106)
25
1E
Dimensions
(Unit : mm)
CL case
L
H
S
W2
W1
6.0 0.2
+−
3.2 0.2
+−
2.2 0.2
+−
1.4 0.1
+−
1.3 0.2
+−
Anode mark
+−


Similar Part No. - TCTCL1A106MCR

ManufacturerPart #DatasheetDescription
logo
Rohm
TCTCL1A106M8R ROHM-TCTCL1A106M8R Datasheet
117Kb / 7P
   Chip tantalum capacitors
More results

Similar Description - TCTCL1A106MCR

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com