Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCFGB1A157K8R Datasheet(PDF) 11 Page - Rohm

Part # TCFGB1A157K8R
Description  Chip tantalum capacitors (Fail-safe open structure type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGB1A157K8R Datasheet(HTML) 11 Page - Rohm

Back Button TCFGB1A157K8R Datasheet HTML 5Page - Rohm TCFGB1A157K8R Datasheet HTML 6Page - Rohm TCFGB1A157K8R Datasheet HTML 7Page - Rohm TCFGB1A157K8R Datasheet HTML 8Page - Rohm TCFGB1A157K8R Datasheet HTML 9Page - Rohm TCFGB1A157K8R Datasheet HTML 10Page - Rohm TCFGB1A157K8R Datasheet HTML 11Page - Rohm TCFGB1A157K8R Datasheet HTML 12Page - Rohm TCFGB1A157K8R Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TCFG Series B Case
Tantalum capacitors
Rev.D
11/12
10
100
1000
0
−55
25
LC 1WV
85
125
TEMPERATURE (
°C)
Fig.11
4V
−4.7μF A case (3216)
4V
−33μF B case (3528)
10V
−1μF P case (2012)
1
2
3
0
−55
25
IMPEDANCE 100kHz
85
125
TEMPERATURE
(
°C)
Fig.12
4V
−4.7μF A case (3216)
4V
−33μF B case (3528)
10V
−1μF P case (2012)
Beware of inrush current.
Inrush current
Inrush currents are inversely proportional ESR. Large inrush currents can cause components failure.
Fig. 13 Maximum inrush current and ESR
ESR
Ω (100kHz)
33
μF
100
μF
tantalum capacitor
aluminum electrolysis
4.7
μF
4.7
μF
100
10
1
0.1
0.1
1
10
100
47
μF
Vpp
=10V llimit=20A
Pulse Width
=500μs
Power OP Amp Slew Rate
=10V/6μs
22
μF
15
μF
33
μF
Inrush current can be limited by means of a protective resistor.
Fig. 14 Imax change due to protective resistor R
V (V)
100
10
1
R
I
=
0.476
+R
V
0.1
0.1
1
10
100
I
=
SAMPLE 16V
−3.3μF
Pulse width
=500μs
Slew rate
=10V−6μc
Current limit
=20A
0.25
1.0
2.0
5.0
0.476
V
R
=0Ω
0.5


Similar Part No. - TCFGB1A157K8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGB1A156K ROHM-TCFGB1A156K Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFGB1A156M ROHM-TCFGB1A156M Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFGB1A156M8R ROHM-TCFGB1A156M8R Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGB1A156M8R ROHM-TCFGB1A156M8R Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGB1A157K8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG_A ROHM-TCFG_A_12 Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_12 Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_10 Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_10 Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_10 Datasheet
154Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_12 Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com