Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCOB0J336M8R Datasheet(PDF) 1 Page - Rohm

Part # TCOB0J336M8R
Description  Chip tantalum capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCOB0J336M8R Datasheet(HTML) 1 Page - Rohm

  TCOB0J336M8R Datasheet HTML 1Page - Rohm TCOB0J336M8R Datasheet HTML 2Page - Rohm TCOB0J336M8R Datasheet HTML 3Page - Rohm TCOB0J336M8R Datasheet HTML 4Page - Rohm TCOB0J336M8R Datasheet HTML 5Page - Rohm TCOB0J336M8R Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/5
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.01 - Rev.E
Dimensions
L
H
S
W2
W1
S
S
W
H
L
W
Anode mark
2
1
(Unit : mm)
3.5 0.2
+−
2.8 0.2
+−
1.9 0.2
+−
1.9 0.2
+−
0.8 0.3
+−
B case
+
Chip tantalum capacitors
TCO Series B Case
Features (B)
Dimensions (Unit : mm)
1) Conductive polymer used for the
cathode material.
2) Ultra-low ESR.
(1/10 compared with the conventional type)
3) Screening by thermal shock.
Part No. Explanation
Case style
Series name
Capacitance tolerance
Capacitance tolerance
Rated voltage (V)
10
0J
1A
0G
Code
Rated voltage
B
6.3
4
Code
Nominal capacitance
R : Positive electrode
on the side opposite
to sprocket hole
8 : Tape width
M
0
J
8
R
4
7
6
0E
2.5
Nominal capacitance in pF in
3 digits: 2 significant figures
followed by the figure
representing the number of 0's.
M
20%
+−
T
C O
Rated Table
j
n
s
w
a
e
j
n
Under development
µF
Rated voltage (V.DC)
22
33
47
68
100
150
B
B
B
B
B
B
B
220
B
330
B
4
0G
B
B
2.5
0E
6.3
0J
10
1A
indicates new product


Similar Part No. - TCOB0J336M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCOB0J476M8R ROHM-TCOB0J476M8R Datasheet
156Kb / 6P
   Chip tantalum capacitors
More results

Similar Description - TCOB0J336M8R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com