Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCFGB0J107K8R Datasheet(PDF) 10 Page - Rohm

Part # TCFGB0J107K8R
Description  Chip tantalum capacitors (Fail-safe open structure type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGB0J107K8R Datasheet(HTML) 10 Page - Rohm

Back Button TCFGB0J107K8R Datasheet HTML 5Page - Rohm TCFGB0J107K8R Datasheet HTML 6Page - Rohm TCFGB0J107K8R Datasheet HTML 7Page - Rohm TCFGB0J107K8R Datasheet HTML 8Page - Rohm TCFGB0J107K8R Datasheet HTML 9Page - Rohm TCFGB0J107K8R Datasheet HTML 10Page - Rohm TCFGB0J107K8R Datasheet HTML 11Page - Rohm TCFGB0J107K8R Datasheet HTML 12Page - Rohm TCFGB0J107K8R Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TCFG Series B Case
Tantalum capacitors
Rev.D
10/12
(6) Maximum power dissipation
Warming of the capacitor due to ripple voltage balances with warming caused by Joule heating and by radiated heat.
Maximum allowable warming of the capacitor is to 5 C above ambient temperature. When warming exceeds 5 C, it can
damage the dielectric and cause a short circuit.
Power dissipation (P) = I
2 R
Ripple current
P : As shown in table at right
R : Equivalent series resistance
Notes:
1. Please be aware that when case size is changed, maximum allowable power dissipation is reduced.
2. Maximum power dissipation varies depending on the package. Be sure to use a case which will keep warming within
the limits shown in the table below.
Allowable power dissipation (W) and maximum temperature rising
Case
Ambient temp. +25°C
+55°C
+85°C
+125°C
0.080
B case (3528)
0.072
0.064
0.032
5
Max. Temp Rise[
°C]
552
(7) Impedance frequency characteristics
(8) ESR frequency characteristics
1
10
100
1000
10000
100000
G475
A case (3216)
C105
A case (3216)
C335
B case (3528)
A105
P case (2012)
1
100
10k
1M
500M
100M
FREQUENCY
(Hz)
Fig.7
1
0.1
10
100
G475
A case (3216)
C105
A case (3216)
C335
B case (3528)
A105
P case (2012)
1
100
10k
1M
500M
100M
FREQUENCY
(Hz)
Fig.8
(9) Temperature characteristics
−10
−6
−2
0
2
6
10
−55
25
CAP 120Hz
85
125
TEMPERATURE
(
°C)
Fig.9
4V
−4.7μF A case (3216)
4V
−33μF B case (3528)
10V
−1μF P case (2012)
0
1
2
3
4
5
−55
25
DF 120Hz
85
125
TEMPERATURE
(
°C)
Fig.10
4V
−4.7μF A case (3216)
4V
−33μF B case (3528)
10V
−1μF P case (2012)


Similar Part No. - TCFGB0J107K8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGB0J107M8R ROHM-TCFGB0J107M8R Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGB0J107M8R ROHM-TCFGB0J107M8R Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGB0J107K8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG_A ROHM-TCFG_A_12 Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_12 Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_10 Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_10 Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_10 Datasheet
154Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_12 Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com