Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCOB0J157M8R Datasheet(PDF) 3 Page - Rohm

Part # TCOB0J157M8R
Description  Chip tantalum capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCOB0J157M8R Datasheet(HTML) 3 Page - Rohm

  TCOB0J157M8R Datasheet HTML 1Page - Rohm TCOB0J157M8R Datasheet HTML 2Page - Rohm TCOB0J157M8R Datasheet HTML 3Page - Rohm TCOB0J157M8R Datasheet HTML 4Page - Rohm TCOB0J157M8R Datasheet HTML 5Page - Rohm TCOB0J157M8R Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TCO Series B Case
Data Sheet
3/5
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.01 - Rev.E
∆C / C
L.C
∆C / C
∆C / C
L.C
L.C
∆C / C
L.C
Within 0/
−20% of initial value
+30% / −20%
−55 C
+105 C
∆C / C
L.C
Item
Performance
Test conditions
(based on JIS C 5101
−1 and JIS C 5101−3)
Temperature
cycle
Appearance
Appearance
There should be no significant abnormality.
Less than 500% of initial limit
Within 20% of intial value
+−
Temp.
Time
1
2
3
4
−55 3 C
Room temp.
105 2 C
Room temp.
30 3min
3min.or less
30 3min
3min.or less
+−
+−
+−
+−
+−
+−
After leaving the sample under such atmospheric
condition that the temperature and humidity are
40 2 C and 90 to 95% RH,respectiveiy,for 500 24h
leave it at room
temperature for over 24h and then measure the
sample.
Less than 150% of initial limit
Less than 150% of initial limit
Less than 150% of initial limit
Moisture
resistance
Temperature
Stebility
Shall be satisfied the voltage on " Standard list "
Df
(tan
δ)
Df
(tan
δ)
Df
(tan
δ)
Df
(tan
δ)
Df
(tan
δ)
Less than 1CV
Surge
voltage
Appearance There should be no significant abnormality.
+−
+−
+−
Apply the specified serge voltage every 5 0.5 min.
for 30 5 s. each time in the atmospheric condition
of 85 2 C.
Repeat this rocedure 1,000 times.
After the specimens, leave it at room temperature for
over 24h and then measure the sample.
Less than initial limit
+−
Within 20% of initial value
Less than initial limit
Temp.
Temp.
Within
+50/0% of initial value
Shall be satisfied the voltage on " Standard list "
Repetition : 5 cycles
(1 cycle : steps 1 to 4) without discontinuation.
There should be no significant abnormality.
The indications should be
After the specimens, leave it at room temperature for
over 24h and then measure the sample.


Similar Part No. - TCOB0J157M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCOB0J476M8R ROHM-TCOB0J476M8R Datasheet
156Kb / 6P
   Chip tantalum capacitors
More results

Similar Description - TCOB0J157M8R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com