Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCFGP1C155M8R Datasheet(PDF) 3 Page - Rohm

Part # TCFGP1C155M8R
Description  Chip tantalum capacitors with open-function built-in
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGP1C155M8R Datasheet(HTML) 3 Page - Rohm

  TCFGP1C155M8R Datasheet HTML 1Page - Rohm TCFGP1C155M8R Datasheet HTML 2Page - Rohm TCFGP1C155M8R Datasheet HTML 3Page - Rohm TCFGP1C155M8R Datasheet HTML 4Page - Rohm TCFGP1C155M8R Datasheet HTML 5Page - Rohm TCFGP1C155M8R Datasheet HTML 6Page - Rohm TCFGP1C155M8R Datasheet HTML 7Page - Rohm TCFGP1C155M8R Datasheet HTML 8Page - Rohm TCFGP1C155M8R Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TCFG series P Case
Tantalum capacitors
Rev.A
3/13
Characteristics
Item
Performance
Test conditions
(based on JIS C5101-1 and JIS C5101-3)
Operating Temperature
Maximum operating temperature
with no voltage derating
Rated Voltage (V.DC)
16
10
6.3
4
Category Voltage (V.DC)
10
6.3
4
2.5
Surge Voltage
20
20
13
26
25
16
32
13
8
5.2
DC leakage current
0.5
μA or 0.01CV whichever is greater
(Shown in "Standard list")
As per 4.9 JIS C 5101-1
As per 4.5.1 JIS C 5101-3
As per 4.7 JIS C 5101-1
As per 4.5.2 JIS C 5101-3
As per 4.8 JIS C 5101-1
As per 4.5.3 JIS C 5101-3
As per 4.10 JIS C 5101-1
As per 4.5.4 JIS C 5101-3
As per 4.14 JIS C 5101-1
As per 4.6 JIS C 5101-3
As per 4.16 JIS C 5101-1
As per 4.10 JIS C 5101-3
As per 4.22 JIS C 5101-1
As per 4.12 JIS C 5101-3
Voltage : Rated voltage for 1 min
Capacitance tolerance
Shall be satisfied allowance range.
±10%, ±20%
Measuring frequency
Measuring voltage
Measuring circuit
Tangent of loss angle
(Df, tan
δ)
Impedance
Shall be satisfied the voltage on "Standard list"
Dip in the solder bath
Solder temp
Duration
Repetition
Resistance to
soldering heat
There should be no significant abnormality.
The indications should be clear.
Appearance
Less than initial limit
L.C
Shall be satisfied the voltage on "Standard list"
at 125
°C
at 85
°C
at 85
°C
+85 °C
: 120
±12Hz
: 0.5Vrms, +1.5V.DC
: DC Equivalent series circuit
Measuring frequency
Measuring voltage
Measuring circuit
: 120
±12Hz
: 0.5Vrms, +1.5V.DC
: DC Equivalent series circuit
: 100
±10kHz
: 0.5Vrms or less
: DC Equivalent series circuit
Measuring frequency
Measuring voltage
Measuring circuit
: 260
±5°C
: 5
±0.5s
: 1
−55 °C to +125 °C
Voltage reduction when temperature exceeds +85
°C
Fail-Safe open unit actuation Within 320
°C
− 20s
Repetition : 5 cycles (1 cycle : steps 1 to 4)
without discontinuation.
Temperature
cycle
There should be no significant abnormality.
Appearance
Less than initial limit
L.C
1 to 10 F : within
±10% of initial value
15 to 22 F : within
±20% of initial value
Within
±10% of initial value
ΔC / C
tan
δ
ΔC / C
tan
δ
Less than 150% of initial limit
Less than 150% of initial limit
Less than 150% of initial limit
Moisture
resistance
Appearance
Less than initial limit
L.C
There should be no significant abnormality.
The indications should be clear.
Temp.
Time
1
Step
2
3
4
Room temp.
Room temp.
3min. or less
3min. or less
30 3min
+−
30 3min
+−
−55 3°C
+−
125 2
°C
+−
ΔC / C
Within
±20% of initial value
tan
δ
After leaving the sample under such atmospheric
condition that the temperature and humidity are
60
±2
°C and 90 to 95%RH, respectively, for
500
±12h level it at room temperature for 1 to 2h
and then measure the sample.
Dip in the solder bath
Solder temp : 320
±5
°C


Similar Part No. - TCFGP1C155M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGP1C155M8R ROHM-TCFGP1C155M8R Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGP1C155M8R ROHM-TCFGP1C155M8R Datasheet
154Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGP1C155M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG ROHM-TCFG Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFG ROHM-TCFG Datasheet
119Kb / 15P
   Chip tantalum capacitors with open-function built-in
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_10 Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C Datasheet
135Kb / 12P
   Chip tantalum capacitors with (Fail-safe open structure type)
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
logo
Toshiba Semiconductor
TA8523F TOSHIBA-TA8523F Datasheet
193Kb / 4P
   built-in enable function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com