Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCFGP1D105M8R Datasheet(PDF) 8 Page - Rohm

Part # TCFGP1D105M8R
Description  Chip tantalum capacitors with open-function built-in
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGP1D105M8R Datasheet(HTML) 8 Page - Rohm

Back Button TCFGP1D105M8R Datasheet HTML 4Page - Rohm TCFGP1D105M8R Datasheet HTML 5Page - Rohm TCFGP1D105M8R Datasheet HTML 6Page - Rohm TCFGP1D105M8R Datasheet HTML 7Page - Rohm TCFGP1D105M8R Datasheet HTML 8Page - Rohm TCFGP1D105M8R Datasheet HTML 9Page - Rohm TCFGP1D105M8R Datasheet HTML 10Page - Rohm TCFGP1D105M8R Datasheet HTML 11Page - Rohm TCFGP1D105M8R Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TCFG series P Case
Tantalum capacitors
Rev.A
8/13
Recommended condition of reflow soldering
(1) Soldering Conditions
Recommended condition of reflow soldering
Pre heating rate
: 1 to 5 C/ s
Preliminary heating
: 120 to 160 C, 50 to 120s
Reflow heating rate
: 1 to 5 C / s
Soldering
: 200 C, 30 to 60s
Peak temperature
: 230 to 260
10s
Max.
Cooling
: 60s
Min.
Time
: 2times Max.
Recommended condition of hand soldering
Temperature (30W Max.)
: 300 C Max.
Time
: 5s Max.
Flow soldering (Dip Wave soldering)
200
210
220
230
240
250
260
270
0
2
4
6
8
10121416
TCFG Series
TIME (
s)
Fig.1


Similar Part No. - TCFGP1D105M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGP1D105M8R ROHM-TCFGP1D105M8R Datasheet
154Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGP1D105M8R ROHM-TCFGP1D105M8R Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGP1D105M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG ROHM-TCFG Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFG ROHM-TCFG Datasheet
119Kb / 15P
   Chip tantalum capacitors with open-function built-in
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_10 Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C Datasheet
135Kb / 12P
   Chip tantalum capacitors with (Fail-safe open structure type)
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
logo
Toshiba Semiconductor
TA8523F TOSHIBA-TA8523F Datasheet
193Kb / 4P
   built-in enable function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com