Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA1A336K8R Datasheet(PDF) 1 Page - Rohm

Part # TCA1A336K8R
Description  Chip tantalum capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCA1A336K8R Datasheet(HTML) 1 Page - Rohm

  TCA1A336K8R Datasheet HTML 1Page - Rohm TCA1A336K8R Datasheet HTML 2Page - Rohm TCA1A336K8R Datasheet HTML 3Page - Rohm TCA1A336K8R Datasheet HTML 4Page - Rohm TCA1A336K8R Datasheet HTML 5Page - Rohm TCA1A336K8R Datasheet HTML 6Page - Rohm TCA1A336K8R Datasheet HTML 7Page - Rohm TCA1A336K8R Datasheet HTML 8Page - Rohm TCA1A336K8R Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TC Series A Case
Tantalum capacitors
Rev.D
1/11
Chip tantalum capacitors
TC Series A Case
Features (A)
1) Vital for all hybrid integrated circuits
board application.
2) Wide capacitance range.
3) Screening by thermal shock.
Dimensions (Unit : mm)
Dimensions
L
H
S
W2
W1
S
S
W
H
L
W
Anode mark
2
1
(Unit : mm)
3.2 0.2
+−
1.6 0.2
+−
1.2 0.2
+−
1.6 0.2
+−
0.8 0.3
+−
A case
+
Part No. Explanation
M
0
J
8
R
T
1
0
6
C
A
Rated voltage
Capacitance tolerance
Nominal capacitance in pF in 3 digits:
2 significant figures followed by the figure
representing the number of 0's.
8 : Tape width
R : Positive electrode on the side opposite to sprocket hole
1
6
1
3
6
4
2
5
1
1 Series name
TC
2 Case style
3
4 Nominal capacitance
5
Taping
20%
M :
+−
10%
K :
+−
4
CODE
6.3
0J
10
1A
16
1C
20 25
1D 1E
Rated voltage (V)
0G
TC
A


Similar Part No. - TCA1A336K8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCA1A335K ROHM-TCA1A335K Datasheet
152Kb / 14P
   Chip tantalum capacitors
TCA1A335M ROHM-TCA1A335M Datasheet
152Kb / 14P
   Chip tantalum capacitors
TCA1A335M8R ROHM-TCA1A335M8R Datasheet
933Kb / 8P
   Chip tantalum capacitors
More results

Similar Description - TCA1A336K8R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com