Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITGG08R28YY Datasheet(PDF) 1 Page - Glenair, Inc.

Part # ITGG08R28YY
Description  90째 Plug Connector with Accessory Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ITGG08R28YY Datasheet(HTML) 1 Page - Glenair, Inc.

  ITGG08R28YY Datasheet HTML 1Page - Glenair, Inc. ITGG08R28YY Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
28
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
U.S. CAGE Code 06324
ITH = Plastic Insert and Standard
Contacts (See Notes #4, 6)
Grounding Fingers
(Omit for Standard)
08 = 90° Angle Plug
Environmental Class
A = Non-Environmental
R = Environmental
L1
D1
L2
F
ITH 08 A and ITH 08 R
90° Plug Connector with Accessory Backshell
and a Selection of Cable Clamps
Order Cable Clamps and
Sleeves Separately or Use
Mod Codes (Table II) to Add
Clamp to This Assembly.
ITH G 08 A 28-21 P Y XXX
Application Notes:
1. 90° plug connector with backshell for cable clamps or BR backshells.
2. Environmental class A (non-environmental) not supplied with grommet; Class R (environmental) supplied with
grommet.
3. Standard shell materials configuration consists of aluminum alloy with cadmium free conductive plating and
black passivation.
4. Standard contact material consists of copper alloy with gold plating.
5. A broad range of other front and rear connector accessories are available.
See our website and/or contact the factory for complete information.
6. Standard insert material is Low fire hazard plastic
UL94V0, IAW Article 3, NFF16-102, 356833.
Mod Code Option (See Table II)
Alternate Insert Rotation (W, X, Y, Z)
Omit for Normal (See Page 6)
Contact Gender
P - Pin
S - Socket
Shell Size and Insert Arrangement
(See Page 7)
IT 3057 C
Cable Clamp
IT 3420
Neoprene Sleeve
IT 3057 A
Cable Clamp


Similar Part No. - ITGG08R28YY

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ITG-1010 TDK-ITG-1010 Datasheet
652Kb / 46P
   MEMS gyroscope
ITG-3050 TDK-ITG-3050 Datasheet
1Mb / 42P
   MEMS gyroscope
ITG-3200 TDK-ITG-3200 Datasheet
893Kb / 39P
   Triple-axis MEMS gyroscope
ITG-3205 TDK-ITG-3205 Datasheet
1Mb / 38P
   first single-chip, digital-output, 3-axis MEMS gyro IC optimized for gaming, 3D mice
ITG-3400 TDK-ITG-3400 Datasheet
1Mb / 41P
   Triple-axis MEMS gyroscope
More results

Similar Description - ITGG08R28YY

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620-004 GLENAIR-620-004 Datasheet
26Kb / 1P
   Backshell Accessory - 90째 Strain Relief
ITHG06A18PW GLENAIR-ITHG06A18PW Datasheet
610Kb / 2P
   Sraight Plug with Accessory Backshell
ITH030A18PW GLENAIR-ITH030A18PW Datasheet
615Kb / 2P
   Rear Box Mount Receptacle with Accessory Backshell
ITS3101AFK GLENAIR-ITS3101AFK Datasheet
1Mb / 2P
   In-Line Cylindrical Receptacle with Accessory Backshell
ITS-3101-A GLENAIR-ITS-3101-A Datasheet
244Kb / 2P
   In-Line Cylindrical Receptacle with Accessory Backshell
620-053M16 GLENAIR-620-053M16 Datasheet
142Kb / 2P
   Backshell Accessory Thread Strain Reliefs
620-003 GLENAIR-620-003 Datasheet
27Kb / 1P
   Backshell Accessory - Straight Strain Relief
logo
Schneider Electric
XSZBC90 SCHNEIDER-XSZBC90 Datasheet
109Kb / 2P
   accessory for sensor - clip 90째 fixing bracket
logo
Glenair, Inc.
IPTG06A18-11SZC GLENAIR-IPTG06A18-11SZC Datasheet
225Kb / 2P
   Straight Plug Connector with Backshell to Accommodate
logo
Schneider Electric
XSZBE90 SCHNEIDER-XSZBE90 Datasheet
112Kb / 2P
   accessory for sensor - clip 90째 fixing bracket
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com