Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIMCARD Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # SIMCARD
Description  LOW COST GSM MODEM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

SIMCARD Datasheet(HTML) 4 Page - rfsolutions.ltd

  SIMCARD Datasheet HTML 1Page - rfsolutions.ltd SIMCARD Datasheet HTML 2Page - rfsolutions.ltd SIMCARD Datasheet HTML 3Page - rfsolutions.ltd SIMCARD Datasheet HTML 4Page - rfsolutions.ltd SIMCARD Datasheet HTML 5Page - rfsolutions.ltd SIMCARD Datasheet HTML 6Page - rfsolutions.ltd SIMCARD Datasheet HTML 7Page - rfsolutions.ltd SIMCARD Datasheet HTML 8Page - rfsolutions.ltd SIMCARD Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DS-GSMT35I-2
Oct ’07
www.rfsolutions.co.uk
©
2007 REG No 277 4001, ENGLAND.
Page 4
LOW COST GSM MODEM
2
Interface description
The TMAS GSM Terminal provides the following connectors for power supply, interfacing and antenna:
2.1mm DC power connector (centre/inner pin is positive)
9-pin (female) D-SUB plug for RS-232 serial interface
SMA connector for antenna (radio interface)
SIM card holder
2.1 Power Supply
The power supply of the TMAS GSM Terminal has to be a single voltage source of Vin=6V providing a peak
current of up to 500mA during transmission.
The terminal can be turned on by just plug in a 6VDC power supply. The terminal power supply circuit
automatically generates a low pulse signal not less than 100ms in order to wake up the Siemens TC35i GSM
engine.
In order for the terminal to shut down properly, wait for 10s after sending AT^SMSO before switching off the
power supply. This time is needed for the module to be safely logged off from the network and finish saving
data to the internal memory.
Each time the terminal is shut down, data will be written from the volatile memory to flash memory. The
guaranteed maximum number of write cycles is limited to 100,000.
2.2 RS232 Interface
Via RS-232 interface, the host controller controls the TMAS GSM/GPRS Terminal and transports data. The
table below shows the pin assignment of RS-232 (D-SUB 9-pin female).
TMAS GSM/GPRS Terminal is designed for use as DCE. Based on the conventions for DCE-DTE connection,
it communicates with the user application (DTE) using the following signals:
Pin no.
Signal name
I/O
Function
1
/DCD
O
Data Carrier Detected
2
/RXD
O
Receive Data
3
/TXD
I
Transmit Data
4
/DTR
I
Data Terminal Ready
5
GND
-
Ground
6
/DSR
O
Data Set Ready
7
/RTS
I
Request To Send
8
/CTS
O
Clear To Send
9
/RI
O
Ring Indication


Similar Part No. - SIMCARD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIM-01(T)-110A ETC2-SIM-01(T)-110A Datasheet
232Kb / 8P
   Crimping tools and machines
SIM-01-110A ETC1-SIM-01-110A Datasheet
254Kb / 7P
   TERMINAL
logo
Rohm
SIM-012SB ROHM-SIM-012SB Datasheet
78Kb / 4P
   High power chip sensor, side view type
SIM-012SB ROHM-SIM-012SB Datasheet
146Kb / 3P
   High power Chip IR LED, side view type
SIM-012SB ROHM-SIM-012SB_10 Datasheet
146Kb / 3P
   High power Chip IR LED, side view type
More results

Similar Description - SIMCARD

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
   GSM & GPRS MODEM
FM-232C-433 RFSOLUTIONS-FM-232C-433 Datasheet
74Kb / 6P
   RS232 LOW COST RF MODEM
logo
List of Unclassifed Man...
XE5690SM ETC1-XE5690SM Datasheet
70Kb / 16P
   Compact, Low-Cost Global Embedded Modem
XE2422H ETC1-XE2422H Datasheet
70Kb / 20P
   Low-Cost, 2400 BPS Surface-Mount Modem
XE5690H ETC1-XE5690H Datasheet
70Kb / 16P
   Half-Size, Low-Cost Global Embedded Modem
XE3314B ETC1-XE3314B Datasheet
67Kb / 17P
   Low-Cost, Embeddable 33,600 BPS Modem Module
XE5692H ETC1-XE5692H Datasheet
264Kb / 22P
   Half-Size, Low-Cost Global Embedded Modem
logo
Maxim Integrated Produc...
MAX4473 MAXIM-MAX4473_08 Datasheet
197Kb / 9P
   Low-Cost, Low-Voltage, PA Power Control Amplifier for GSM Applications
Rev 4; 11/08
logo
Schneider Electric
SR2MOD02 SCHNEIDER-SR2MOD02_V01 Datasheet
171Kb / 4P
   GSM modem interface, Zelio Logic, for communication interface SR2COM01
Mar 23, 2022
SR2MOD02 SCHNEIDER-SR2MOD02 Datasheet
116Kb / 3P
   GSM modem interface, Zelio Logic, for communication interface SR2COM01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com