Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIMCARD Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # SIMCARD
Description  LOW COST GSM MODEM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

SIMCARD Datasheet(HTML) 3 Page - rfsolutions.ltd

  SIMCARD Datasheet HTML 1Page - rfsolutions.ltd SIMCARD Datasheet HTML 2Page - rfsolutions.ltd SIMCARD Datasheet HTML 3Page - rfsolutions.ltd SIMCARD Datasheet HTML 4Page - rfsolutions.ltd SIMCARD Datasheet HTML 5Page - rfsolutions.ltd SIMCARD Datasheet HTML 6Page - rfsolutions.ltd SIMCARD Datasheet HTML 7Page - rfsolutions.ltd SIMCARD Datasheet HTML 8Page - rfsolutions.ltd SIMCARD Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DS-GSMT35I-2
Oct ’07
www.rfsolutions.co.uk
©
2007 REG No 277 4001, ENGLAND.
Page 3
LOW COST GSM MODEM
1
Key Features
Features
Implementation
Transmission
Data, SMS, Fax
Power supply
Single supply voltage
Min:
6Vdc
Max:
40Vdc
GSM class
Small MS
Frequency bands
Dual Band E-GSM 900 and GSM 1800
Compliant to GSM Phase 2/2+
Transmit power
Class 4 (2W) for EGSM900
Class 1 (1W) for GSM1800
SIM card reader
Internal
External antenna
Connected via antenna SMA connector
SMS
MT, MO, CB, Text and PDU mode
CSD DATA
CSD transmission rates: 2.4, 4.8, 9.6, 14.4
kbps, nontransparent,V.110
Unstructured Supplementary Services Data
(USSD) support
FAX
Group 3: Class 1, Class 2
Serial interface
RS-232 interface, bi-directional bus for AT
commands and data
Multiplex ability according to GSM 07.10
Multiplexer protocol
Baud rates from 300bps to 115,200bps
Autobauding supports: 1,200, 2,400, 4,800,
9,600, 19,200, 38,400, 57,600 and 115,200bps
Supported SIM card
3V
Phonebook management
Supported phonebook types: FD, LD, MC, RC, ON, ME
Reset of Terminal TMAS GSM
Reset via AT command
Real time clock
Implemented (clock frequency 32.768kHz)
Environmental Temperature:
Normal operation: -20°C to +55°C
Humidity: max. 80% relative humidity
Size
86mmx54mmx25mm (Casing Dimension)
Weight
82g (Approx.)


Similar Part No. - SIMCARD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIM-01(T)-110A ETC2-SIM-01(T)-110A Datasheet
232Kb / 8P
   Crimping tools and machines
SIM-01-110A ETC1-SIM-01-110A Datasheet
254Kb / 7P
   TERMINAL
logo
Rohm
SIM-012SB ROHM-SIM-012SB Datasheet
78Kb / 4P
   High power chip sensor, side view type
SIM-012SB ROHM-SIM-012SB Datasheet
146Kb / 3P
   High power Chip IR LED, side view type
SIM-012SB ROHM-SIM-012SB_10 Datasheet
146Kb / 3P
   High power Chip IR LED, side view type
More results

Similar Description - SIMCARD

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
   GSM & GPRS MODEM
FM-232C-433 RFSOLUTIONS-FM-232C-433 Datasheet
74Kb / 6P
   RS232 LOW COST RF MODEM
logo
List of Unclassifed Man...
XE5690SM ETC1-XE5690SM Datasheet
70Kb / 16P
   Compact, Low-Cost Global Embedded Modem
XE2422H ETC1-XE2422H Datasheet
70Kb / 20P
   Low-Cost, 2400 BPS Surface-Mount Modem
XE5690H ETC1-XE5690H Datasheet
70Kb / 16P
   Half-Size, Low-Cost Global Embedded Modem
XE3314B ETC1-XE3314B Datasheet
67Kb / 17P
   Low-Cost, Embeddable 33,600 BPS Modem Module
XE5692H ETC1-XE5692H Datasheet
264Kb / 22P
   Half-Size, Low-Cost Global Embedded Modem
logo
Maxim Integrated Produc...
MAX4473 MAXIM-MAX4473_08 Datasheet
197Kb / 9P
   Low-Cost, Low-Voltage, PA Power Control Amplifier for GSM Applications
Rev 4; 11/08
logo
Schneider Electric
SR2MOD02 SCHNEIDER-SR2MOD02_V01 Datasheet
171Kb / 4P
   GSM modem interface, Zelio Logic, for communication interface SR2COM01
Mar 23, 2022
SR2MOD02 SCHNEIDER-SR2MOD02 Datasheet
116Kb / 3P
   GSM modem interface, Zelio Logic, for communication interface SR2COM01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com