Electronic Components Datasheet Search |
|
TCA1E106K8R Datasheet(PDF) 3 Page - Rohm |
|
TCA1E106K8R Datasheet(HTML) 3 Page - Rohm |
3 / 12 page TC Series A Case Tantalum capacitors Rev.D 3/11 Characteristics Item Performance Test conditions (based on JIS C 5101 −1 and JIS C 5101−3) Operating Temperature −55 °C~+125°C Maximum operating temperature with no voltage derating +85 °C Rated voltage (VDC) 20 25 16 10 6.3 4 Category voltage (VDC) 13 16 10 6.3 4 2.5 Surge voltage (VDC) 13 8 526 20 32 DC Leakage current 0.5 μA or 0.01CV whichever is greater Shown in " Standard list " Capacitance tolerance Measuring frequency : 100±10kHz Measuring voltage : 0.5Vrms or less Measuring circuit : DC Equivalent series circuit Tangent of loss angle (Df, tan δ) Impedance Resistance to Soldering heat Temperature cycle Moisture resistance There should be no significant abnormality. The indications should be clear. Appearance ΔC / C Df (tan δ) L.C. Shall be satisfied the voltage on " Standard list " Measuring frequency : 120±12Hz Measuring voltage : 0.5Vrms +1.5 to 2V.DC Measuring circuit : DC Equivalent series circuit Shall be satisfied the voltage on " Standard list " at 85 °C at 125 °C at 85 °C Voltage : Rated voltage for 1min Shall be satisfied allowance range. ± 10%, ±20% Measuring frequency : 120±12Hz Measuring voltage : 0.5Vrms +1.5 to 2V.DC Measuring circuit : DC Equivalent series circuit Less than initial limit Voltage reduction when temperature exceeds +85 °C As per 4.9 JIS C 5101-1 As per 4.5.1 JIS C 5101-3 As per 4.7 JIS C 5101-1 As per 4.5.2 JIS C 5101-3 As per 4.8 JIS C 5101-1 As per 4.5.3 JIS C 5101-3 As per 4.10 JIS C 5101-1 As per 4.5.4 JIS C 5101-3 As per 4.14 JIS C 5101-1 As per 4.6 JIS C 5101-3 Dip in the solder bath Solder temp : 260±5 °C Duration : 5±0.5s Repetition : 1 After the specimens, leave it at room temperature for over 24h and then measure the sample. As per 4.16 JIS C 5101-1 As per 4.10 JIS C 5101-3 As per 4.22 JIS C 5101-1 As per 4.12 JIS C 5101-3 Others : Within ±5% of initial value There should be no significant abnormality. The indications should be clear. Appearance ΔC / C Df (tan δ) L.C. Less than initial limit After leaving the sample under such atmospheric condition that the temperature and humidity are 60 ±2°C and 90 to 95% RH,respectiveiy, for 500±12h leave it at room temperature for over 24h and then measure the sample. TCA0G686 : Within ±15% of initial value TCA0G107 : Within ±20% of initial value Others : Within ±10% of initial value Others : Within ±10% of initial value Others : Less than initial limit There should be no significant abnormality. The indications should be clear. Appearance ΔC / C Df (tan δ) L.C. Less than initial limit Repetition : 5 cycles (1 cycle : steps 1 to 4) without discontinuation. Less than initial limit TCA0G686 : Within ±15% of initial value Temp. Time 1 2 3 4 Room temp. Room temp. 3min.or less 3min.or less 30 ±3min. 30 ±3min. −55 3°C +− 125 2 °C +− TCA0G686 : Within ±15% of initial value TCA0J686 : Within ±20% of initial value TCA0G107 : Within ±20% of initial value TCA0G107 : Within ±20% of initial value TCA1A226 : Within ±15% of initial value TCA0J476 : Within ±15% of initial value TCA0G686 : Less than 150% of initial limit TCA0G107 : Less than 150% of initial limit After the specimens, leave it at room temperature for over 24h and then measure the sample. TCA0J686 : Less than 150% of initial limit TCA0J686 : Within ±20% of initial value TCAP0J226 : Less than 150% of initial limit Others : Less than initial limit |
Similar Part No. - TCA1E106K8R |
|
Similar Description - TCA1E106K8R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |