Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIREFLY-S1 Datasheet(PDF) 5 Page - rfsolutions.ltd

Part # FIREFLY-S1
Description  RADIO REMOTE CONTROL SYSTEMS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FIREFLY-S1 Datasheet(HTML) 5 Page - rfsolutions.ltd

  FIREFLY-S1 Datasheet HTML 1Page - rfsolutions.ltd FIREFLY-S1 Datasheet HTML 2Page - rfsolutions.ltd FIREFLY-S1 Datasheet HTML 3Page - rfsolutions.ltd FIREFLY-S1 Datasheet HTML 4Page - rfsolutions.ltd FIREFLY-S1 Datasheet HTML 5Page - rfsolutions.ltd FIREFLY-S1 Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DSFIREFLY-3
March 08
©
2008 REG No 277 4001, ENGLAND.
Page 5
FIREFLY
FIREBLADE
RADIO REMOTE CONTROL SYSTEMS
Technical Specifications
Transmitters : FireFly, FireBlade
Enclosure Rating:
Standard
IP40 (TBC)
With IPKit
IP65 (TBC)
Battery Type:
CR2032 (supplied)
Dimensions:
90 x 54 x 27 mm (Note: FireBlade is supplied with external Antenna)
Electrical Characteristics
Min
Typical
Max
Units
Supply Voltage
3V
V
Supply Current
mA
Frequency:
FireFLY: Wideband
FireBLADE: Narrowband
432.90
434.450
433.920
434.525
434.10
434.600
MHz
RF Output Power (ERP) @ 433 MHz
-
3
10
mW
Receiver Decoder
Enclosure Rating
IP68
Dimensions
169 x 132 x 85mm (not including antenna)
Storage Temperature:
-10 to +70
o Celsius.
Operating Temperature:
0 to +55
o Celsius.
ELECTRICAL CHARACTERISTICS
MIN
TYPICAL
MAX
DIMENSION
Supply Voltage for +12 v
10
12.0
16
Vdc
Supply Voltage for +24 v
22
24.0
28
Vdc
Supply Voltage for 230Vac
230
Vac
Relay Rating* (230Vac) RLY1-4
5
12
A
Supply Current :
Quiescent
All relays operating*
16
140
mA
Time delay from Tx on Switch to Rx Relay operation
100
mS
Time delay from Tx sw relax to Rx Relay release
300
MS
*The relay contacts in this unit are for functional use only and must not be used for isolation purposes


Similar Part No. - FIREFLY-S1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
FIREFLY-TX-IPKIT RFMD-FIREFLY-TX-IPKIT Datasheet
1Mb / 6P
   VIPER Remote Control Systems
logo
rfsolutions.ltd
FIREFLY-TX-IPKIT RFSOLUTIONS-FIREFLY-TX-IPKIT Datasheet
1Mb / 6P
   FIRETRAP
FIREFLY-TX-IPKIT RFSOLUTIONS-FIREFLY-TX-IPKIT Datasheet
2Mb / 7P
   VIPER Remote Control Systems
logo
RF Micro Devices
FIREFLY-TX1 RFMD-FIREFLY-TX1 Datasheet
1Mb / 6P
   VIPER Remote Control Systems
logo
rfsolutions.ltd
FIREFLY-TX1 RFSOLUTIONS-FIREFLY-TX1 Datasheet
2Mb / 7P
   VIPER Remote Control Systems
More results

Similar Description - FIREFLY-S1

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
TRAP RFSOLUTIONS-TRAP Datasheet
3Mb / 8P
   TRAP Remote Control Systems
ESPRIT RFSOLUTIONS-ESPRIT Datasheet
3Mb / 8P
   Professional Remote Control Systems
logo
RF Micro Devices
VIPER-S1 RFMD-VIPER-S1 Datasheet
1Mb / 6P
   VIPER Remote Control Systems
logo
rfsolutions.ltd
ELITE-L RFSOLUTIONS-ELITE-L Datasheet
3Mb / 9P
   Professional Remote Control Systems
VIPER RFSOLUTIONS-VIPER Datasheet
2Mb / 7P
   VIPER Remote Control Systems
logo
Integral Corp.
ILMS5360 INTEGRAL-ILMS5360 Datasheet
283Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
ILMS5380 INTEGRAL-ILMS5380 Datasheet
286Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
logo
rfsolutions.ltd
119S1-433A RFSOLUTIONS-119S1-433A Datasheet
75Kb / 5P
   KEELOQ REMOTE CONTROL SYSTEMS, 230Vac
logo
List of Unclassifed Man...
118C1AR5 ETC2-118C1AR5 Datasheet
53Kb / 3P
   118 SERIES AM REMOTE CONTROL SYSTEMS.
logo
rfsolutions.ltd
114C1-075FR6 RFSOLUTIONS-114C1-075FR6 Datasheet
61Kb / 4P
   TRAP REMOTE CONTROL SYSTEMS (SW ADDRESSING)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com