Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X8200 Datasheet(PDF) 7 Page - rfsolutions.ltd

Part # X8200
Description  Synthesised Radio Modem
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

X8200 Datasheet(HTML) 7 Page - rfsolutions.ltd

Back Button X8200 Datasheet HTML 3Page - rfsolutions.ltd X8200 Datasheet HTML 4Page - rfsolutions.ltd X8200 Datasheet HTML 5Page - rfsolutions.ltd X8200 Datasheet HTML 6Page - rfsolutions.ltd X8200 Datasheet HTML 7Page - rfsolutions.ltd X8200 Datasheet HTML 8Page - rfsolutions.ltd X8200 Datasheet HTML 9Page - rfsolutions.ltd X8200 Datasheet HTML 10Page - rfsolutions.ltd X8200 Datasheet HTML 11Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DS8200-2 April ’07
©2007 RF Solutions Ltd, www.rfsolutions.co.uk
Page 7
Synthesised Radio Modem
X8200
X8200HP
If a second PC is not available simply power up the second modem. Configure the ID
numbers and the Enable Remote Access option on both. Then use the Access Remote
Modem option to display the menu of the remote modem.
Fig 1 shows how an open network using the above configuration would work. All the data
transmitted from one modem will be received by all of the others. This is similar to an
RS485 network but instead of connecting the equipment by wire a radio modem is used.
FIGURE 1 OPEN NETWORK
5
Configuration
5.1
Access Configuration Menu
There are three ways the menu can be accessed:
Typing $ then pressing the Esc Key as the first two characters after the Radio Modems has
been switched on.
Connecting Pin 6 on the D-connector to 0V on Pin 5. Then switching the Radio Modem on.
Using the Remote Access feature to display the menu of a distant Radio Modem.
A PC configured as a dumb terminal with the following settings should be used:
9600 Baud
No Parity
1 Stop Bit
Echo off


Similar Description - X8200

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
TX8000 RFSOLUTIONS-TX8000 Datasheet
371Kb / 4P
   Synthesised Radio Modules
232C-868FR1 RFSOLUTIONS-232C-868FR1 Datasheet
227Kb / 12P
   RS232 RADIO MODEM
logo
RF Micro Devices
SIW1711 RFMD-SIW1711 Datasheet
292Kb / 10P
   BLUETOOTH RADIO MODEM
SIW1721B RFMD-SIW1721B Datasheet
432Kb / 12P
   BLUETOOTH짰 RADIO MODEM
logo
rfsolutions.ltd
ZULU-M868 RFSOLUTIONS-ZULU-M868 Datasheet
3Mb / 16P
   Radio MODEM Module
DS-ZULUM RFSOLUTIONS-DS-ZULUM Datasheet
3Mb / 12P
   Radio MODEM Module
logo
SHENZHEN KYL COMMUNICAT...
KYL-668H KYL-KYL-668H Datasheet
1Mb / 4P
   25W Radio Modem
logo
Radiometrix Ltd
RPM3 RADIOMETRIX-RPM3 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM1 RADIOMETRIX-RPM1 Datasheet
640Kb / 15P
   VHF Radio Packet Modem
RPM3B RADIOMETRIX-RPM3B Datasheet
1,002Kb / 15P
   UHF Radio Packet Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com