Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM-232C-433 Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # FM-232C-433
Description  RS232 LOW COST RF MODEM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-232C-433 Datasheet(HTML) 2 Page - rfsolutions.ltd

  FM-232C-433 Datasheet HTML 1Page - rfsolutions.ltd FM-232C-433 Datasheet HTML 2Page - rfsolutions.ltd FM-232C-433 Datasheet HTML 3Page - rfsolutions.ltd FM-232C-433 Datasheet HTML 4Page - rfsolutions.ltd FM-232C-433 Datasheet HTML 5Page - rfsolutions.ltd FM-232C-433 Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DS232_2
June 00
©2000 Reg. No. 227 4001, ENGLAND
Page 2
RS232 LOW COST RF MODEM
FM-232C-433
FUNCTIONAL DESCRIPTION
The RF Modem is designed to connect two DTE devices (e.g. PC’s). The RF Modem physical interface is a 9
pin DCE. The host communications RS232 operates at various baud rates, 8 data bits, 1 stop bit, no parity.
The DTE device must either support hardware CTS flow control, XON/XOFF flow control or if hardware flow
control is disabled then the user must be aware of the maximum buffer size of 56 bytes.
(note: if you use a null Modem to connect a DTE to a DCE using two RF Modems, then the DCE device
should support RTS flow control.)
LED’s
The RF Modem has three LED’s, Tx, Rx, and CD:
CD (Carrier Detect).
The CD LED will flash on/off for 100 mSecs when a RF connection is active. The flashing status
of CD is on a 60 Sec connection timer. After 60 Secs of inactivity the CD LED will automatically
extinguish.
The CD LED is held on when the RF Modem detects another device transmitting (receiving).
This could be its partner, another pair of RF Modems or another RF transmitting device using
the same frequency.
Tx (Transmit).
The Tx LED is illuminated when the RF Modem is currently transmitting an RF packet.
Rx (Receive).
The Rx LED is illuminated when the RF Modem detects a receive packet which is addressed to
that particular RF Modem.
POWER SUPPLY
The RF Modem requires a 9 - 12V @ 100mA power source. On the power jack the centre is +ve connection.
The power switch is a slide switch located on the bottom of the unit.
STANDBY MODE
When not transmitting, the RF Modem continually searches for a carrier signal and valid I/D address, which
match its own. When detected, the RF Modem receives the data, acknowledges back to the transmitting RF
Modem and decodes the data before transmitting it out onto the host RS232 port.
USER CONFIGURABLE JUMPER LINKS
There are several Jumper Links, which the user may set. Please note that these are only read at power up!
ECHO / REPEATER MODE (J1)
In echo mode each data packet that is received is transmitted out immediately after reception. This may be
used to extend the system range.
note: In Echo Mode, the RF Modem generates an acknowledge signal to the originating RF Modem. The
originating RF Modem will not receive an acknowledge signal from the destination RF Modem if it has been
echoed by another RF Modem.
J1
Option
Open
-
Connected
Echo Mode Selected


Similar Part No. - FM-232C-433

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM-2000-50 ETC2-FM-2000-50 Datasheet
32Kb / 1P
   DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
FM-24C ETC1-FM-24C Datasheet
203Kb / 1P
   Highouput, High reliability
FM-24C-900 ETC1-FM-24C-900 Datasheet
203Kb / 1P
   Highouput, High reliability
FM-24C-900L ETC1-FM-24C-900L Datasheet
203Kb / 1P
   Highouput, High reliability
FM-24C-900P ETC1-FM-24C-900P Datasheet
203Kb / 1P
   Highouput, High reliability
More results

Similar Description - FM-232C-433

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
232C-868FR1 RFSOLUTIONS-232C-868FR1 Datasheet
227Kb / 12P
   RS232 RADIO MODEM
GSM-T35I RFSOLUTIONS-GSM-T35I Datasheet
900Kb / 10P
   LOW COST GSM MODEM
logo
PHOENIX CONTACT
2313067 PHOENIX-2313067 Datasheet
86Kb / 6P
   Modem - PSI-DATA/BASIC-MODEM/RS232
09/12/2020
logo
Radiometrix Ltd
M48-169-BIM1H RADIOMETRIX-M48-169-BIM1H Datasheet
476Kb / 11P
   VHF 500mW RS232 radio modem
logo
rfsolutions.ltd
STORM-433F RFSOLUTIONS-STORM-433F Datasheet
77Kb / 6P
   ?쁓TORM??RADIO MODEM RS232 / USB
logo
PHOENIX CONTACT
100500 PHOENIX-100500 Datasheet
323Kb / 7P
   PSI-DATA/FAX-MODEM/RS232
102973 PHOENIX-102973 Datasheet
199Kb / 5P
   PSI-DATA/BASIC-MODEM/RS232
logo
List of Unclassifed Man...
XE5690SM ETC1-XE5690SM Datasheet
70Kb / 16P
   Compact, Low-Cost Global Embedded Modem
logo
Radiometrix Ltd
M48-434-NIM2 RADIOMETRIX-M48-434-NIM2 Datasheet
367Kb / 11P
   UHF NBFM RS232 radio modem
logo
List of Unclassifed Man...
XE2422H ETC1-XE2422H Datasheet
70Kb / 20P
   Low-Cost, 2400 BPS Surface-Mount Modem
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com