Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TK15408 Datasheet(PDF) 4 Page - TOKO, Inc

Part No. TK15408
Description  75 OHM VIDEO LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOKO [TOKO, Inc]
Homepage  http://www.toko.com
Logo 

TK15408 Datasheet(HTML) 4 Page - TOKO, Inc

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4
December 1999 TOKO, Inc.
TK15408
TYPICAL PERFORMANCE CHARACTERISTICS
14
18
SUPPLY CURRENT VS.
TEMPERATURE
TA (°C)
10
-50
0
50
100
16
20
VCC = 5.0 V,
No Input
12
12
18
SUPPLY CURRENT VS.
SUPPLY VOLTAGE
VCC (V)
10
4.0
4.5
5.0
5.5
6.0
16
20
TA = 25 °C,
No Input
14
5.0
7.0
VOLTAGE GAIN VS.
TEMPERATURE
TA (°C)
4.0
-50
0
50
100
6.0
8.0
VCC = 5.0 V,
fin = 1 MHz,
VIN = 1 VP-P
5.0
7.0
VOLTAGE GAIN VS.
SUPPLY VOLTAGE
VCC (V)
4.0
4.0
4.5
5.0
5.5
6.0
6.0
8.0
TA = 25 °C,
fin = 1 MHz,
VIN = 1 VP-P
-1.0
0.0
FREQUENCY RESPONSE VS.
TEMPERATURE
TA (°C)
-1.5
-50
0
50
100
-0.5
0.5
fin = 1/5 MHz,
VIN = 1 VP-P
-1.0
0.0
FREQUENCY RESPONSE VS.
SUPPLY VOLTAGE
VCC (V)
-1.5
4.0
4.5
5.0
5.5
6.0
-0.5
0.5
fin = 1/5 MHz,
VIN = 1 VP-P


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TK1540375 OHM VIDEO LINE DRIVER 1 2 3 4 5 MoreTOKO, Inc
TK1540475 OHM VIDEO LINE DRIVER 1 2 3 4 5 MoreTOKO, Inc
TK1540675 OHM VIDEO LINE DRIVER 1 2 3 4 5 MoreTOKO, Inc
TK1540775 OHM VIDEO LINE DRIVER 1 2 3 4 5 MoreTOKO, Inc
TK1540975 OHM VIDEO LINE DRIVER 1 2 3 4 5 MoreTOKO, Inc
TK1541075 OHM VIDEO LINE DRIVER 1 2 3 4 5 MoreTOKO, Inc
TK1541175 OHM VIDEO LINE DRIVER 1 2 3 4 5 MoreTOKO, Inc
TK1541275 OHM VIDEO LINE DRIVER 1 2 3 4 5 MoreTOKO, Inc
TK1541375 OHM VIDEO LINE DRIVER 1 2 3 4 5 MoreTOKO, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn