Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB4 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # NB4
Description  Military Standard Connector Index
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

NB4 Datasheet(HTML) 1 Page - Glenair, Inc.

  NB4 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
F-12
E-Mail: sales@glenair.com
www.glenair.com
PART NO.
CONN.
SPECIFICATION
SERIES
DESCRIPTION
DESIG.
M83723/94
**
MIL-C-83723
III
Receptacle, Bayonet, Single Hole Mtg, Hermetic
M83723/95
A
MIL-C-83723
III
Plug, Threaded, (Socket Contact), Self Locking
M83723/96
A
MIL-C-83723
III
Plug, Threaded, (Pin Contact), Self Locking
M83723/97
A
MIL-C-83723
III
Plug, Threaded, RFI (Socket Contact), Self Locking
M83723/98
A
MIL-C-83723
III
Plug, Threaded, RFI (Pin Contact), Self Locking
NATC00
H*
SSQ21635
Receptacle, Flange
NATC06
H*
SSQ21635
Plug
NATC07
H*
SSQ21635
Receptacle, Jam Nut
NATC09
***
SSQ21635
Receptacle, Weld Mtg
NATC77
***
SSQ21635
Receptacle, Jam Nut
NATC99
***
SSQ21635
Receptacle, Weld Mtg
NBO
A
40M39569
Receptacle, Flange Mtg
NBOH
**
40M39569
Receptacle, Hermetic
NB3H
**
40M39569
Receptacle, Hermetic
NB4
A
40M39569
Receptacle, Flange Mtg
NB5H
**
40M39569
Thru-Bulkhead, Hermetic
NB6
A
40M39569
Plug, Straight
NB6G
A
40M39569
Plug, Straight,EMI
NB7
A
40M39569
Receptacle, Jam Nut
NB7H
**
40M39569
Receptacle, Hermetic
NB8H
**
40M39569
Receptacle, Hermetic
NLSO
F
40M38277
Receptacle, Flange Mtg
NLS3H
**
40M38277
Receptacle, Hermetic
NLS6
F
40M38277
Plug, Straight
NLS6G
F
40M38277
Plug, Straight, EMI
NLS7
F
40M38277
Receptacle, Jam Nut
NLS7H
**
40M38277
Receptacle, Jam Nut
NZGL00
H**
SSQ21635
Receptacle, Flange
NZGL03
***
SSQ21635
Receptacle, Lever
NZGL06
H**
SSQ21635
Plug
NZGL07
H**
SSQ21635
Receptacle, Weld Mtg
NZGL09
***
SSQ21635
Receptacle, Weld Mtg
NZGL66
H**
SSQ21635
Plug
NZGL77
***
SSQ21635
Receptacle, Jam Nut
NZGL99
***
SSQ21635
Receptacle, Weld Mtg
*
Consult factory
**
Connector does not accommodate rear accessories
H*
NATC Series size 09 through 25 mates to Glenair Connector Designator H, consult factory for sizes 33 & 37
H** NZGL Series requires special accessories manufactured by Glenair, consult factory
***
Connector noted does not have accessory thread. (NZGL and NATC hermetic/control leakage classes.)
Military Standard Connector Index


Similar Part No. - NB4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NB4FAAH0-0-B ETC2-NB4FAAH0-0-B Datasheet
801Kb / 21P
   N e u t r i k 짰 P a r t N u m b e r G u i d e
NB4FAH0-0-B ETC2-NB4FAH0-0-B Datasheet
801Kb / 21P
   N e u t r i k 짰 P a r t N u m b e r G u i d e
NB4FBH0-0-B ETC2-NB4FBH0-0-B Datasheet
801Kb / 21P
   N e u t r i k 짰 P a r t N u m b e r G u i d e
logo
ON Semiconductor
NB4L16M ONSEMI-NB4L16M Datasheet
919Kb / 12P
   2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination
February, 2006 ??Rev. 1
NB4L16MMN ONSEMI-NB4L16MMN Datasheet
919Kb / 12P
   2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination
February, 2006 ??Rev. 1
More results

Similar Description - NB4

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS20030 GLENAIR-MS20030 Datasheet
59Kb / 1P
   Military Standard Connector Index
MS3100 GLENAIR-MS3100 Datasheet
59Kb / 1P
   Military Standard Connector Index
M83723-20 GLENAIR-M83723-20 Datasheet
58Kb / 1P
   Military Standard Connector Index
MS3400 GLENAIR-MS3400 Datasheet
60Kb / 1P
   Military Standard Connector Index
MS27513 GLENAIR-MS27513 Datasheet
59Kb / 1P
   Military Standard Connector Index
M8151125 GLENAIR-M8151125 Datasheet
58Kb / 1P
   Military Standard Connector Index
logo
List of Unclassifed Man...
C17SA ETC2-C17SA Datasheet
49Kb / 1P
   MILITARY STANDARD HIGH TEMPERATURE OSCILLATORS
logo
Grayhill, Inc
44M30-02-1-12N-F GRAYHILL-44M30-02-1-12N-F Datasheet
292Kb / 10P
   1 Diameter, 1 Amp, Standard Military SR04
logo
List of Unclassifed Man...
MIL-STD-1750A ETC1-MIL-STD-1750A Datasheet
607Kb / 172P
   Military Standard Sixteen-Bit Computer Instruction Set Architecture
logo
Integrated Circuit Syst...
MN3850 ICST-MN3850 Datasheet
756Kb / 4P
   Industry Standard Military 12-bit D/A Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com