Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TK15407 Datasheet(PDF) 4 Page - TOKO, Inc

Part No. TK15407
Description  75 OHM VIDEO LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOKO [TOKO, Inc]
Homepage  http://www.toko.com
Logo 

TK15407 Datasheet(HTML) 4 Page - TOKO, Inc

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4
January 2000 TOKO, Inc.
TK15407
TYPICAL PERFORMANCE CHARACTERISTICS
14
18
SUPPLY CURRENT VS.
TEMPERATURE
TA (°C)
10
-50
0
50
100
16
20
VCC = 5.0 V,
No Input
12
12
18
SUPPLY CURRENT VS.
SUPPLY VOLTAGE
VCC (V)
10
4.0
4.5
5.0
5.5
6.0
16
20
TA = 25 °C,
No Input
14
10
40
STANDBY SUPPLY CURRENT VS.
TEMPERATURE
TA (°C)
0
-50
0
50
100
30
50
VCC = 5.0 V,
Pin 3 = GND
20
10
40
STANDBY SUPPLY CURRENT VS.
SUPPLY VOLTAGE
VCC (V)
0
4.0
4.5
5.0
5.5
6.0
30
50
TA = 25 °C,
Pin 3 = GND
20
MEASUREMENT METHOD (CONT.)
10. Differential Phase (DP)
The differential phase is measured at TP3 when a staircase waveform of 10 steps is applied to TP1.
11. Frequency Response (fr)
The frequency response equation is as follows:
fr = 20 log
10 V2/V1
Where V1 is the measured TP3 (TP6) voltage when the TP1 (TP4) input frequency is set to 1 MHz and V2 is the measured
TP3 (TP6) voltage when the TP1 (TP4) input frequency is set to 5 MHz.
12. Total Harmonic Distortion (THD)
The TP6 signal is measured when a 1 kHz 1 V
P-P input signal is applied to TP4.
13. Maximum Output Voltage (V
OUT(MAX))
A 1 kHz input signal is applied to TP4 and the amplitude is slowly increased. The output voltage at TP5 is measured at
the point the THD reaches 10%.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TK1540375 OHM VIDEO LINE DRIVER 1 2 3 4 5 MoreTOKO, Inc
TK1540475 OHM VIDEO LINE DRIVER 1 2 3 4 5 MoreTOKO, Inc
TK1540675 OHM VIDEO LINE DRIVER 1 2 3 4 5 MoreTOKO, Inc
TK1540875 OHM VIDEO LINE DRIVER 1 2 3 4 5 MoreTOKO, Inc
TK1540975 OHM VIDEO LINE DRIVER 1 2 3 4 5 MoreTOKO, Inc
TK1541075 OHM VIDEO LINE DRIVER 1 2 3 4 5 MoreTOKO, Inc
TK1541175 OHM VIDEO LINE DRIVER 1 2 3 4 5 MoreTOKO, Inc
TK1541275 OHM VIDEO LINE DRIVER 1 2 3 4 5 MoreTOKO, Inc
TK1541375 OHM VIDEO LINE DRIVER 1 2 3 4 5 MoreTOKO, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn