Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

210-458FR Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # 210-458FR
Description  Modular Radio Telemetry System
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

210-458FR Datasheet(HTML) 3 Page - rfsolutions.ltd

  210-458FR Datasheet HTML 1Page - rfsolutions.ltd 210-458FR Datasheet HTML 2Page - rfsolutions.ltd 210-458FR Datasheet HTML 3Page - rfsolutions.ltd 210-458FR Datasheet HTML 4Page - rfsolutions.ltd 210-458FR Datasheet HTML 5Page - rfsolutions.ltd 210-458FR Datasheet HTML 6Page - rfsolutions.ltd 210-458FR Datasheet HTML 7Page - rfsolutions.ltd 210-458FR Datasheet HTML 8Page - rfsolutions.ltd 210-458FR Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DS200-11 March ’06
©2005 RF Solutions Ltd, www.rfsolutions.co.uk
Page 3
Tel 01273 898000 Fax 01273 480661
Modular Radio Telemetry System
200 Series
Enclosure / Power Supply
IP56 Insulation Class 2
DIN Rails mounted on Steel Plate
12Vdc 1A PSU incorporated accepts 110-240Vac (5A Fused)
Dimensions
External
315 x 235 x 130mm
Internal
300 x 220 x 120mm
DIN Rail length 1
285mm
DIN Rail length 2
180mm
Part No
Description
ENC-DA3
DIN Rail Enclosure Assembly, Two Mounting Rails, 12Vdc PSU Fitted
PSU12V1AIN-IP
Power Supply 110-240Vac input, 12Vdc 1A Output
Custom systems
We regularly supply pre-wired / bespoke systems, please contact our sales dept for further
assistance
R. F. Solutions Ltd.,
Unit 21, Cliffe Industrial Estate, South Street, Lewes,
E Sussex, BN8 6JL. England
Tel +44 (0)1273 898 000
Fax +44 (0)1273 480 661
Email sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
RF Solutions is a member of the Low Power Radio Association
Information contained in this document is believed to be accurate, however no representation or warranty is given and R.F. Solutions Ltd. assumes no liability with respect to the accuracy of such information.
Use of R.F.Solutions products as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.


Similar Part No. - 210-458FR

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
210-43-316-41-001000 MILL-MAX-210-43-316-41-001000 Datasheet
354Kb / 1P
   SERIES 210, 222, 223 ??SOLDER TAIL AND WRAPOST ??CLOSED FRAME
210-47-624-41-001000 MILL-MAX-210-47-624-41-001000 Datasheet
354Kb / 1P
   SERIES 210, 222, 223 ??SOLDER TAIL AND WRAPOST ??CLOSED FRAME
More results

Similar Description - 210-458FR

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
PRO-LORAT1-8S10 RFSOLUTIONS-PRO-LORAT1-8S10 Datasheet
3Mb / 8P
   Professional LoRa Telemetry Radio System
ZULU-T868 RFSOLUTIONS-ZULU-T868 Datasheet
72Kb / 1P
   Smart RADIO Telemetry Module
DS-ZULUT RFSOLUTIONS-DS-ZULUT Datasheet
3Mb / 17P
   Smart Radio Telemetry Module
logo
SparkFun Electronics
WRL-15007 SPARKFUN-WRL-15007 Datasheet
84Kb / 2P
   Pixhawk Radio Telemetry Kit
11-12-18
logo
rfsolutions.ltd
250R1 RFSOLUTIONS-250R1 Datasheet
124Kb / 10P
   GSM TELEMETRY SYSTEM
logo
Radiometrix Ltd
TXM-433-10 RADIOMETRIX-TXM-433-10 Datasheet
336Kb / 11P
   UHF Radio Telemetry Transmit Module
RXM-UHF RADIOMETRIX-RXM-UHF Datasheet
178Kb / 9P
   UHF Radio Telemetry Receiver Module
SILRX-418-5 RADIOMETRIX-SILRX-418-5 Datasheet
527Kb / 11P
   UHF Radio Telemetry Receiver Module
logo
rfsolutions.ltd
XNET8100 RFSOLUTIONS-XNET8100 Datasheet
133Kb / 4P
   DIN RAIIL TELEMETRY SYSTEM
X7306 RFSOLUTIONS-X7306 Datasheet
249Kb / 8P
   458MHz PZT Telemetry System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com