Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

210-525NR Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # 210-525NR
Description  Modular Radio Telemetry System
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

210-525NR Datasheet(HTML) 4 Page - rfsolutions.ltd

  210-525NR Datasheet HTML 1Page - rfsolutions.ltd 210-525NR Datasheet HTML 2Page - rfsolutions.ltd 210-525NR Datasheet HTML 3Page - rfsolutions.ltd 210-525NR Datasheet HTML 4Page - rfsolutions.ltd 210-525NR Datasheet HTML 5Page - rfsolutions.ltd 210-525NR Datasheet HTML 6Page - rfsolutions.ltd 210-525NR Datasheet HTML 7Page - rfsolutions.ltd 210-525NR Datasheet HTML 8Page - rfsolutions.ltd 210-525NR Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DS200-11 March ’06
©2005 RF Solutions Ltd, www.rfsolutions.co.uk
Page 4
Tel 01273 898000 Fax 01273 480661
Modular Radio Telemetry System
200 Series
1 Configuring a Remote Telemetry System
(200Tx/201Tx -> 210Rx)
There are three Steps:
1. Pre-Configure the 200 or 201 series transmitter
2. Pre- Configure the 210Rx to operate with a 200 or 201 series transmitter
3. Marry a 200/201Tx to a 210Rx
1.1
Pre-Configure a 200/201 Transmitter Encoder
1.
Mapping the 200/201 Transmitter Inputs to the 210 Receiver Outputs
The Remote telemetry system automatically maps the 8 transmitter input channels to 8 receiver output
channels. The ‘8/15’ option link on the transmitter allows selection of channels 1-8 or 9-15 on the receiver.
2.
Enable Option Links (ENABLE 1-8)
The 200 and 201 Transmitters have eight ‘Enable’ Option links which must be fitted in order for the
corresponding input to be valid (otherwise the 210Tx will ignore it). This enables applications where many
transmitters are used with a single 210Rx (many to one relationship)
3.
Auto Transmit with Watchdog Mode ‘Auto Tx’
When the ‘Auto Tx’ link is made, the 200/201 Tx automatically transmits its data once within every 5
second period, in addition, channel 16 is allocated as a ‘system watchdog‘. As long as the 210Rx
continues to receive this signal then output ‘16’ is held ON. If for any reason (fault or RF interference) the
signal is not received for approx 20secs then output ‘16’ will drop out.
200/201 Tx Option Link
210 Rx output Channels
Open
1 – 8
Connected
9 – 15


Similar Part No. - 210-525NR

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
210-521-04-38 MARL-210-521-04-38 Datasheet
290Kb / 5P
   Direct replacement for T3 쩌 Midget Edison Screw E10
210-521-04-38 MARL-210-521-04-38 Datasheet
290Kb / 5P
   Direct replacement for T3 쩌 Midget Edison Screw E10
210-521-21-38 MARL-210-521-21-38 Datasheet
331Kb / 3P
   FILAMENT REPLACEMENT LEDs - T3쩌 MES E10
210-521-21-38 MARL-210-521-21-38 Datasheet
290Kb / 5P
   Direct replacement for T3 쩌 Midget Edison Screw E10
210-521-21-38 MARL-210-521-21-38 Datasheet
290Kb / 5P
   filament replacement leds
More results

Similar Description - 210-525NR

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
PRO-LORAT1-8S10 RFSOLUTIONS-PRO-LORAT1-8S10 Datasheet
3Mb / 8P
   Professional LoRa Telemetry Radio System
ZULU-T868 RFSOLUTIONS-ZULU-T868 Datasheet
72Kb / 1P
   Smart RADIO Telemetry Module
DS-ZULUT RFSOLUTIONS-DS-ZULUT Datasheet
3Mb / 17P
   Smart Radio Telemetry Module
logo
SparkFun Electronics
WRL-15007 SPARKFUN-WRL-15007 Datasheet
84Kb / 2P
   Pixhawk Radio Telemetry Kit
11-12-18
logo
rfsolutions.ltd
250R1 RFSOLUTIONS-250R1 Datasheet
124Kb / 10P
   GSM TELEMETRY SYSTEM
logo
Radiometrix Ltd
TXM-433-10 RADIOMETRIX-TXM-433-10 Datasheet
336Kb / 11P
   UHF Radio Telemetry Transmit Module
RXM-UHF RADIOMETRIX-RXM-UHF Datasheet
178Kb / 9P
   UHF Radio Telemetry Receiver Module
SILRX-418-5 RADIOMETRIX-SILRX-418-5 Datasheet
527Kb / 11P
   UHF Radio Telemetry Receiver Module
logo
rfsolutions.ltd
XNET8100 RFSOLUTIONS-XNET8100 Datasheet
133Kb / 4P
   DIN RAIIL TELEMETRY SYSTEM
X7306 RFSOLUTIONS-X7306 Datasheet
249Kb / 8P
   458MHz PZT Telemetry System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com