Electronic Components Datasheet Search |
|
TCFGD1A337MCR Datasheet(PDF) 3 Page - Rohm |
|
TCFGD1A337MCR Datasheet(HTML) 3 Page - Rohm |
3 / 13 page TCFG series D Case Tantalum capacitors Rev.D 3/12 Characteristics Item Performance Test conditions (based on JIS C5101-1 and JIS C5101-3) Operating Temperature Maximum operating temperature with no voltage derating Rated Voltage (V.DC) 16 10 6.3 4 Category Voltage (V.DC) 10 6.3 4 2.5 Surge Voltage 20 20 13 26 25 16 32 13 8 5.0 DC leakage current 0.5 μA or 0.01CV whichever is greater (Shown in "Standard list") As per 4.9 JIS C 5101-1 As per 4.5.1 JIS C 5101-3 As per 4.7 JIS C 5101-1 As per 4.5.2 JIS C 5101-3 As per 4.8 JIS C 5101-1 As per 4.5.3 JIS C 5101-3 As per 4.10 JIS C 5101-1 As per 4.5.4 JIS C 5101-3 As per 4.14 JIS C 5101-1 As per 4.6 JIS C 5101-3 As per 4.16 JIS C 5101-1 As per 4.10 JIS C 5101-3 As per 4.22 JIS C 5101-1 As per 4.12 JIS C 5101-3 Voltage : Rated voltage for 1 min Capacitance tolerance Shall be satisfied allowance range. ±20% Measuring frequency Measuring voltage Measuring circuit Tangent of loss angle (Df, tan δ) Impedance Shall be satisfied the voltage on "Standard list" Dip in the solder bath Solder temp Duration Repetition After the specimens, leave it at room temperature for over 24h and then measure the sample. Resistance to soldering heat There should be no significant abnormality. The indications should be clear. Appearance TCFGD1E476 : Less than 150% of initial limit Others : Less than initial limit L.C Shall be satisfied the voltage on "Standard list" at 125 °C at 85 °C at 85 °C +85 °C : 120 ±12Hz : 0.5Vrms, +1.5 to 2V.DC : DC Equivalent series circuit Measuring frequency Measuring voltage Measuring circuit : 120 ±12Hz : 0.5Vrms, +1.5 to 2V.DC : DC Equivalent series circuit : 100 ±10kHz : 0.5Vrms or less : DC Equivalent series circuit Measuring frequency Measuring voltage Measuring circuit : 260 ±5°C : 5 ±0.5s : 1 −55 °C to +125 °C Voltage reduction when temperature exceeds +85 °C Fail-Safe open unit actuation Within 330 °C − 20s Repetition : 5 cycles (1 cycle : steps 1 to 4) without discontinuation. Temperature cycle There should be no significant abnormality. Appearance Within ±20% of initial value Within ±10% of initial value ΔC / C tan δ ΔC / C tan δ Less than 150% of initial limit Less than 150% of initial limit Less than 150% of initial limit Moisture resistance Appearance L.C There should be no significant abnormality. The indications should be clear. Temp. Time 1 Step 2 3 4 Room temp. Room temp. 3min. or less 3min. or less 30 3min +− 30 3min +− −55 3°C +− 125 2 °C +− ΔC / C Within ±20% of initial value tan δ After leaving the sample under such atmospheric condition that the temperature and humidity are 60 ±2 °C and 90 to 95%RH, respectively, for 500 ±12h level it at room temperature for over 24h and then measure the sample. Dip in the solder bath Solder temp : 330 ±5 °C TCFGD1E476 : Less than 150% of initial limit Others : Less than initial limit L.C TCFGD1E476 : Less than 150% of initial limit Others : Less than initial limit After the specimens, leave it at room temperature for over 24h and then measure the sample. |
Similar Part No. - TCFGD1A337MCR |
|
Similar Description - TCFGD1A337MCR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |