Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCFGD1A127MCR Datasheet(PDF) 6 Page - Rohm

Part # TCFGD1A127MCR
Description  Chip tantalum capacitors with (Fail-safe open structure type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGD1A127MCR Datasheet(HTML) 6 Page - Rohm

Back Button TCFGD1A127MCR Datasheet HTML 2Page - Rohm TCFGD1A127MCR Datasheet HTML 3Page - Rohm TCFGD1A127MCR Datasheet HTML 4Page - Rohm TCFGD1A127MCR Datasheet HTML 5Page - Rohm TCFGD1A127MCR Datasheet HTML 6Page - Rohm TCFGD1A127MCR Datasheet HTML 7Page - Rohm TCFGD1A127MCR Datasheet HTML 8Page - Rohm TCFGD1A127MCR Datasheet HTML 9Page - Rohm TCFGD1A127MCR Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TCFG series D Case
Tantalum capacitors
Rev.D
6/12
Table 1 standard list, TCFG series D Case
150
15.0
10
6.3
13
100
16
18
6.3
4
8
220
13.8
18
TCFG D 0J 227
TCFG D 1A 157
TCFG D 1C 107
D
D
D
0.70
0.70
0.70
16
10
20
18
(D : 7343)
±20
±20
±20
10
12
10
12
14
12
47
11.8
TCFG D 1E 476
D
0.70
25
16
32
14
±20
10
12
= Tolerance (M :
±20%)
Part No.
Rated
Voltage
@85
°C
(V)
Derated
Voltage
@125
°C
(V)
Surge
Voltage
@85
°C
(V)
Capacitance
120Hz
( F)
Impedance
100kHz
Tolerance
(%)
Leakage
current
25
C
1WV.60s
(mA)
DF120Hz
(%)
Case
code
−55
°C 25°C
85
˚C
125
°C
(
Ω)
Packaging specifications
Case code
A
±0.2
B
±0.2
t1
±0.1
t2
±0.2
D (7343)
3.3
0.3
7.7
4.8
Taping
Taping
D case
Pull out direction
Products
t2
t1
2.0
±0.1
8.0
±0.1
4.0
±0.1
A
B
φ1.5 +0.1
0


Similar Part No. - TCFGD1A127MCR

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGD1A157M8R ROHM-TCFGD1A157M8R Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFGD1A157MCR ROHM-TCFGD1A157MCR Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results

Similar Description - TCFGD1A127MCR

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C Datasheet
135Kb / 12P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_12 Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_12 Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_10 Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_10 Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_10 Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com