Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0011-433AR2 Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # 0011-433AR2
Description  RADIO RECEIVER DECODER MODULES.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

0011-433AR2 Datasheet(HTML) 6 Page - rfsolutions.ltd

  0011-433AR2 Datasheet HTML 1Page - rfsolutions.ltd 0011-433AR2 Datasheet HTML 2Page - rfsolutions.ltd 0011-433AR2 Datasheet HTML 3Page - rfsolutions.ltd 0011-433AR2 Datasheet HTML 4Page - rfsolutions.ltd 0011-433AR2 Datasheet HTML 5Page - rfsolutions.ltd 0011-433AR2 Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DS101-4
Aug ‘02
©2002 Reg. No. 277 4001, England.
Page 6
‘001’SERIES RADIO RECEIVER DECODER MODULES.
Part Numbering
Module Without relay
Part Number
Description
Compatible
Transmitter Encoder
Range**
Datasheet
001B-433AR2
AM super Heterodyne
Receiver Decoder
AM-110 series
100
DS110
001B-433QR1
FM super Heterodyne
Receiver Decoder
FM-102Q, series
FM-103Q, series
FM-107Q series
100
DS102
DS103
001B-433FR3
FM super Heterodyne
Receiver Decoder
FM-102F, series
FM-103F, series
FM-107F series
200
DS102
DS103
Module With relay
Part Number
Description
Compatible
Transmitter Encoder
Range**
Datasheet
0011-433AR2
AM super Heterodyne
Receiver Decoder
110 series pocket
Keyfobs
80
DS110
0011-433QR1
FM super Heterodyne
Receiver Decoder
FM-102Q, series
FM-103Q, series
FM-107Q series
100
DS102
DS103
0011-433FR3
FM super Heterodyne
Receiver Decoder
FM-102F, series
FM-103F, series
FM-107F series
200
DS102
DS103
**Range
Please note that all radio systems are dependant on a radio signal being received through airspace.
The range quoted is the optimal in direct line of sight without obstacles and in good atmospheric
conditions.
Range is affected by many things, e.g. local environmental conditions, atmospheric conditions, interference
from other radio transmitters.
In worse case applications the range quoted may be reduced to 10% of the optimal range stated.
For more information or general enquiries, please contact
R. F. Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
South Street,
Lewes,
E Sussex, BN8 6JL England
Tel +44 (0)1273 898 000
Fax +44 (0)1273 480 661
Email sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
RF Solutions is a member of the Low Power Radio Association.
Information contained in this document is believed to be accurate, however no representation or warranty is given and R.F. Solutions Ltd. assumes no liability with respect to the accuracy of such
information. Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.


Similar Part No. - 0011-433AR2

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
0011-433FR1 RFSOLUTIONS-0011-433FR1 Datasheet
341Kb / 3P
   ??02 SERIES RADIO / IR ENCODER TRANSMITTERS
More results

Similar Description - 0011-433AR2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1872 NSC-LM1872 Datasheet
371Kb / 20P
   Radio Control Receiver/Decoder
logo
rfsolutions.ltd
T6-8684-20 RFSOLUTIONS-T6-8684-20 Datasheet
130Kb / 7P
   Radio Transmitter & Receiver Modules
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
   FM Radio Transmitter & Receiver Modules
T5-434 RFSOLUTIONS-T5-434 Datasheet
116Kb / 8P
   FM Radio Transmitter & Receiver Modules
logo
List of Unclassifed Man...
FMR-05D ETC2-FMR-05D Datasheet
23Kb / 3P
   Radio data receiver
logo
WAGO Kontakttechnik Gmb...
750-642 WAGO-750-642 Datasheet
449Kb / 11P
   Radio Receiver EnOcean
logo
rfsolutions.ltd
008-315FR1 RFSOLUTIONS-008-315FR1 Datasheet
50Kb / 2P
   RADIO RECEIVER DECODERS
logo
Agilent(Hewlett-Packard...
DRR1-38XX HP-DRR1-38XX Datasheet
60Kb / 4P
   Digital Radio Receiver Down Converter Modules for 37 to 40GHz
logo
rfsolutions.ltd
TX8000 RFSOLUTIONS-TX8000 Datasheet
371Kb / 4P
   Synthesised Radio Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com