Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU2099F-E2 Datasheet(PDF) 10 Page - Rohm

Part # BU2099F-E2
Description  Serial / Parallel 4-input Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2099F-E2 Datasheet(HTML) 10 Page - Rohm

Back Button BU2099F-E2 Datasheet HTML 6Page - Rohm BU2099F-E2 Datasheet HTML 7Page - Rohm BU2099F-E2 Datasheet HTML 8Page - Rohm BU2099F-E2 Datasheet HTML 9Page - Rohm BU2099F-E2 Datasheet HTML 10Page - Rohm BU2099F-E2 Datasheet HTML 11Page - Rohm BU2099F-E2 Datasheet HTML 12Page - Rohm BU2099F-E2 Datasheet HTML 13Page - Rohm BU2099F-E2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
BU2050F,BU2092F,BU2092FV,BU2099FV,BD7851FP,BU2152FS
Technical Note
10/24
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Switching characteristics (Unless otherwise specified, VDD=5V, VSS=0V, Ta=25℃)
Parameter
Symbol
Limit
Unit
Condition
Min.
Typ.
Max.
VDD(V)
Minimum Clock Pulse Width
tw
1000
-
-
ns
3
-
500
-
-
ns
5
Minimum Latch Pulse Width
(LCK)
tw
(LCK)
1000
-
-
ns
3
-
500
-
-
ns
5
Setup Time
(LCK→CLOCK)
ts
400
-
-
ns
3
-
200
-
-
ns
5
Setup Time
(DATA→CLOCK)
tsu
400
-
-
ns
3
-
200
-
-
ns
5
Hold Time
(CLOCK→DATA)
tH
400
-
-
ns
3
-
200
-
-
ns
5
Propagation
(LCK→OUTPUT QX)
tPLZ
(LCK)
-
90
-
ns
3
RL=5kΩ
CL=10pF
-
55
-
ns
5
tPZL
(LCK)
-
115
-
ns
3
RL=5kΩ
CL=10pF
-
50
-
ns
5
Propagation
(
OE →OUTPUT QX)
tPLZ
-
70
-
ns
3
RL=5kΩ
CL=10pF
-
45
-
ns
5
tPZL
-
80
-
ns
3
RL=5kΩ
CL=10pF
-
35
-
ns
5
Switching Time Test Circuit
Fig. 5
CLOCK
Pulse
Gen.
DATA
Pulse
Gen.
Q11
RL
±
25V
Q0
RL
±
25V
VDD
GND (Vss)
Pulse
Gen.
Pulse
Gen.
LCK
OE
GND (Vss)
GND (Vss)
CL
CL


Similar Part No. - BU2099F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2099F-E2 ROHM-BU2099F-E2 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
More results

Similar Description - BU2099F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7851FP-E2 ROHM-BD7851FP-E2 Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F_09 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2099FV ROHM-BU2099FV_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2152FS ROHM-BU2152FS_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2092F ROHM-BU2092F_15 Datasheet
1Mb / 17P
   4-input Serial-in / Parallel-out Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
BU2098F ROHM-BU2098F_09 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
BU2090F ROHM-BU2090F_15 Datasheet
1Mb / 16P
   2-input Serial- in / Parallel- out Drivers
logo
Micrel Semiconductor
MIC5800 MICREL-MIC5800 Datasheet
114Kb / 6P
   4/8-Bit Parallel-Input Latched Drivers
MIC5800 MICREL-MIC5800_15 Datasheet
560Kb / 11P
   4/8-Bit Parallel-Input Latched Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com